Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPF1000-9617PE Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DPF1000-9617PE
Description  Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DPF1000-9617PE Datasheet(HTML) 3 Page - Artesyn Technologies

  DPF1000-9617PE Datasheet HTML 1Page - Artesyn Technologies DPF1000-9617PE Datasheet HTML 2Page - Artesyn Technologies DPF1000-9617PE Datasheet HTML 3Page - Artesyn Technologies DPF1000-9617PE Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALL DIMENSIONS IN INCHES (mm)
11.00
(279.40)
0.25
(6.40)
.98
(24.90)
3.00
(76.20)
SEE DETAIL 'B'
VIEW A
VIEW B
J2
DETAIL 'A'
DETAIL 'B'
J1
12
11
10
9
8
7
6
5
4
3
2
1
24
23
22
21
20
19
18
17
16
15
14
13
6.52
(165.60)
6.00
(152.40)
5.00
(127.00)
2.149
(54.58)
1.606 (40.79)
12
11
10
9
8
7
6
5
4
3
2
1
24
23
22
21
20
19
18
17
16
15
14
13
SEE DETAIL 'A'
VIEW B
J1
VIEW A
NL
NL
G
(J2) DC connector
Molex BMI receptacle 42474 part number 15-06-0240 or equivalent with Molex
5556 female crimp terminal part number 39-00-0182 or equivalent.
(J1) AC connector
Standard IEC connector.
(J2) DC mating connector
Molex BMI plug 42475 part number 15-06-0246 or equivalent with Molex 5558
male crimp terminal part number 39-00-0220 or equivalent.
(J1) AC mating connector
Standard IEC plug.
PAGE 3
1000 Watt
AC/DC PFC front-end for distributed power architectures
1000W AC/DC
|
DISTRIBUTED POWER FRONT END AC/DC POWER SUPPLIES


Similar Part No. - DPF1000-9617PE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
DPF1500-4617 ARTESYN-DPF1500-4617 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
More results

Similar Description - DPF1000-9617PE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
   Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DPF600 ARTESYN-DPF600 Datasheet
65Kb / 2P
   Dual output 600 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Power-One
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com