Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1009 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BF1009
Description  Silicon N-Channel MOSFET Tetrode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF1009 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BF1009 Datasheet HTML 1Page - Siemens Semiconductor Group BF1009 Datasheet HTML 2Page - Siemens Semiconductor Group BF1009 Datasheet HTML 3Page - Siemens Semiconductor Group BF1009 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BF 1009
Semiconductor Group
2
Sep-09-1998
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Drain-source breakdown voltage
ID = 300 µA, -VG1S = 4 V, - VG2S = 4 V
V
-
V(BR)DS
-
16
Gate 1 source breakdown voltage
±
IG1S = 10 mA, VG2S = VDS = 0
-
12
±
V(BR)G1SS
8
Gate 2 source breakdown voltage
±
IG2S = 10 mA, VG1S = 0 V, VDS = 0 V
-
16
9
±
V(BR)G2SS
Gate 1 source current
VG1S = 6 V, VG2S = 0 V
-
-
µA
60
+
IG1SS
Gate 2 source leakage current
±
VG2S = 8 V, VG1S = 0 V, VDS = 0 V
±
IG2SS
-
-
nA
50
IDSS
-
500
µA
-
Drain current
VDS = 9 V, VG1S = 0 , VG2S = 6 V
IDSO
8
10
Operating current (selfbiased)
VDS = 9 V, VG2S = 6 V
mA
-
VG2S(p)
-
0.9
-
V
Gate 2-source pinch-off voltage
VDS = 9 V, ID = 100 µA
AC characteristics
Forward transconductance (self biased)
VDS = 9 V, VG2S = 6 V, f = 1 kHz
gfs
-
24
-
mS
Gate 1-input capacitance (self biased)
VDS = 9 V, VG2S = 6 , f = 1 MHz
Cg1ss
-
2.1
2.5
pF
Output capacitance (self biased)
VDS = 9 V, VG2S = 6 , f = 100 MHz
Cdss
-
0.9
-
Power gain (self biased)
VDS = 9 V, VG2S = 6 , f = 800 MHz
Gps
-
22
-
dB
Noise figure (self biased)
VDS = 9 V, VG2S = 6 , f = 800 MHz
F800
-
1.4
-
Gain control range (self biased)
VDS = 9 V, VG2S = 1 V, f = 800 MHz
∆G
ps
40
50
-
Semiconductor Group
2
1998-11-01


Similar Part No. - BF1009

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF1009S SIEMENS-BF1009S Datasheet
51Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 9V Integrated bias network)
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1009S INFINEON-BF1009S Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF1009SR INFINEON-BF1009SR Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1009SR INFINEON-BF1009SR Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
More results

Similar Description - BF1009

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com