Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ABT543J-QML Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT543J-QML
Description  Octal Registered Transceiver with TRI-STATE짰 Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT543J-QML Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ABT543J-QML Datasheet HTML 1Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT543J-QML Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
ABT543
Units
V
CC
Conditions
Min
Typ
Max
I
CCT
Additional I
CC/Input
2.5
mA
Max
V
I =VCC − 2.1V
All Others at V
CC or GND
I
CCD
Dynamic I
CC
No Load
Outputs Open, CEAB
(Note 3)
0.18
mA/MHz
Max
and OEAB = GND,CEBA =
V
CC, One Bit Toggling,
50% Duty Cycle, (Note 4)
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these
conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
Note 3: Guaranteed but not tested.
Note 4: For 8-bit toggling. ICCD < 1.4 mA/MHz.
DC Electrical Characteristics
Conditions
Symbol
Parameter
Min
Max
Units
V
CC
C
L = 50 pF,
R
L = 500
V
OLP
Quiet Output Maximum Dynamic V
OL
1.1
V
5.0
T
A = 25˚C (Note 5)
V
OLV
Quiet Output Minimum Dynamic V
OL
-0.45
V
5.0
T
A = 25˚C(Note 5)
Note 5: Max number of outputs defined as (n).n−1 data inputs are driven 0V to 3V. One output at LOW.
AC Electrical Characteristics
54ABT
T
A = −55˚C to +125˚C
Fig.
Symbol
Parameter
V
CC = 4.5V–5.5V
Units
No.
C
L =50 pF
Min
Max
t
PLH
Propagation Delay
1.6
6.4
ns
Figure
4
t
PHL
A
n to Bn or Bn to An
1.6
6.2
t
PLH
Propagation Delay
t
PHL
LEAB to B
n, LEBA to An
1.6
6.6
ns
Figure
4
OEBA or OEAB to A
n or
B
n
1.6
6.4
t
PZH
Enable Time
t
PZL
LEAB to B
n, LEBA to An
1.3
6.4
ns
Figure
6
OEBA or OEAB to A
n or
B
n
1.8
7.4
t
PHZ
Disable Time
2.0
7.2
ns
Figure
6
t
PLZ
CEBA or CEAB to A
n or
B
n
1.5
7.0
www.national.com
4


Similar Part No. - 54ABT543J-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541E-QML NSC-54ABT541E-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541J-QML NSC-54ABT541J-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541W-QML NSC-54ABT541W-QML Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54ABT541 TI1-54ABT541_13 Datasheet
304Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54ABT543J-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F563 NSC-54F563 Datasheet
169Kb / 8P
   Octal D-Type Latch with TRI-STATE짰 Outputs
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
   Octal Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com