Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC93 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC93
Description  4-bit binary ripple counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC93 Datasheet(HTML) 7 Page - NXP Semiconductors

  74HC93 Datasheet HTML 1Page - NXP Semiconductors 74HC93 Datasheet HTML 2Page - NXP Semiconductors 74HC93 Datasheet HTML 3Page - NXP Semiconductors 74HC93 Datasheet HTML 4Page - NXP Semiconductors 74HC93 Datasheet HTML 5Page - NXP Semiconductors 74HC93 Datasheet HTML 6Page - NXP Semiconductors 74HC93 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
December 1990
7
Philips Semiconductors
Product specification
4-bit binary ripple counter
74HC/HCT93
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.6
Waveforms showing the clock (CPn) to output (Qn) propagation delays, the clock pulse width, output
transition times and the maximum clock pulse frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the master reset (MRn) pulse width, the master reset to output (Qn) propagation
delays and the master reset to clock (CPn) removal time.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HC93

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC9323A PHILIPS-74HC9323A Datasheet
44Kb / 6P
   Programmable ripple counter with oscillator 3-State
1995 Oct 27
74HC9323AD PHILIPS-74HC9323AD Datasheet
44Kb / 6P
   Programmable ripple counter with oscillator 3-State
1995 Oct 27
More results

Similar Description - 74HC93

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
logo
Nexperia B.V. All right...
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
   DUAL 4-BIT BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com