Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1025MW7C Datasheet(PDF) 6 Page - HB Electronic Components

Part # 1025MW7C
Description  LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

1025MW7C Datasheet(HTML) 6 Page - HB Electronic Components

Back Button 1025MW7C Datasheet HTML 2Page - HB Electronic Components 1025MW7C Datasheet HTML 3Page - HB Electronic Components 1025MW7C Datasheet HTML 4Page - HB Electronic Components 1025MW7C Datasheet HTML 5Page - HB Electronic Components 1025MW7C Datasheet HTML 6Page - HB Electronic Components 1025MW7C Datasheet HTML 7Page - HB Electronic Components 1025MW7C Datasheet HTML 8Page - HB Electronic Components 1025MW7C Datasheet HTML 9Page - HB Electronic Components 1025MW7C Datasheet HTML 10Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LED LAMP
APPLICATION
SOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 260±5℃
Immersion time: with 5 sec
Solder no closer than 3mm from the
base of the package
Using soldering flux,” RESIN FLUX”
is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 260
or lower
Soldering time: within 5 sec.
During soldering, take care not to
press the tip of iron against the
lead.
(To prevent heat from being
transferred directly to the lead, hold
the lead with a pair of tweezers
while soldering
1) When soldering the lead of LED in a condition that the package is fixed with a panel (See Fig.1),
be careful not to stress the leads with iron tip.

2) When soldering wire to the lead, work with a Fig (See Fig.2) to avoid stressing the package.

Page : 5
P a n e l
(Fig.1)
L e a d w r i e s
L e a v e
a
s l i g h t
c l e a r a n c e
L e a d
w r i e s
( Fig. 2)


Similar Part No. - 1025MW7C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
1025MR2C HB-1025MR2C Datasheet
685Kb / 9P
   LED
1025MY8C HB-1025MY8C Datasheet
654Kb / 9P
   LED
More results

Similar Description - 1025MW7C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com