Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

980PG2C Datasheet(PDF) 2 Page - HB Electronic Components

Part # 980PG2C
Description  FLUX LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

980PG2C Datasheet(HTML) 2 Page - HB Electronic Components

  980PG2C Datasheet HTML 1Page - HB Electronic Components 980PG2C Datasheet HTML 2Page - HB Electronic Components 980PG2C Datasheet HTML 3Page - HB Electronic Components 980PG2C Datasheet HTML 4Page - HB Electronic Components 980PG2C Datasheet HTML 5Page - HB Electronic Components 980PG2C Datasheet HTML 6Page - HB Electronic Components 980PG2C Datasheet HTML 7Page - HB Electronic Components 980PG2C Datasheet HTML 8Page - HB Electronic Components 980PG2C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LED SPECIFICATION
Page: 2
Absolute maximum ratings(Ta = 25℃)
Value
Parameter
Symbol
Test Condition
Min.
Max.
Unit
Reverse Voltage
VR
IR = 30μA
5
--
V
Forward Current
IF
----
----
30
mA
Power Dissipation
Pd
----
----
75
mW
Pulse Current
Ipeak
Duty=0.1mS,1kHz
----
100
mA
Operating Temperature
Topr
----
-40
+85
Storage Temperature
Tstr
----
-40
+100
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF =
50mA
V9~V11
Reverse Current
IR
VR = 5V
----
----
30
μ
A
Dominate Wavelength
λd
IF =
50mA
G11~G13
Spectral Line half-width
Δλ
IF =
50mA
20
nm
Luminous
Flux
IV
IF =
50mA
H,J
Viewing Angle
1/2
IF =
50mA
70
80
Deg.


Similar Part No. - 980PG2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
980PG0C HB-980PG0C Datasheet
640Kb / 9P
   FLUX LED
More results

Similar Description - 980PG2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
913MY8C HB-913MY8C Datasheet
609Kb / 9P
   FLUX LED
940MW7C HB-940MW7C Datasheet
810Kb / 10P
   FLUX LED
940MY8C HB-940MY8C Datasheet
660Kb / 9P
   FLUX LED
980MY8C HB-980MY8C Datasheet
605Kb / 9P
   FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UR1C FORYARD-FYLF-1870UR1C_15 Datasheet
416Kb / 7P
   Flux LED
FYLF-1870UY1C FORYARD-FYLF-1870UY1C_15 Datasheet
416Kb / 7P
   Flux LED
logo
HB Electronic Component...
980LB7C HB-980LB7C Datasheet
603Kb / 9P
   FLUX LED
980PB6C HB-980PB6C Datasheet
648Kb / 9P
   FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UW1C FORYARD-FYLF-1870UW1C_15 Datasheet
416Kb / 7P
   Flux LED
FYLF-1870UW1C-UWW FORYARD-FYLF-1870UW1C-UWW Datasheet
416Kb / 7P
   Flux LED
logo
HB Electronic Component...
940MR2C HB-940MR2C Datasheet
639Kb / 9P
   FLUX LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com