Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

980PG0C Datasheet(PDF) 8 Page - HB Electronic Components

Part # 980PG0C
Description  FLUX LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

980PG0C Datasheet(HTML) 8 Page - HB Electronic Components

  980PG0C Datasheet HTML 1Page - HB Electronic Components 980PG0C Datasheet HTML 2Page - HB Electronic Components 980PG0C Datasheet HTML 3Page - HB Electronic Components 980PG0C Datasheet HTML 4Page - HB Electronic Components 980PG0C Datasheet HTML 5Page - HB Electronic Components 980PG0C Datasheet HTML 6Page - HB Electronic Components 980PG0C Datasheet HTML 7Page - HB Electronic Components 980PG0C Datasheet HTML 8Page - HB Electronic Components 980PG0C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LEAD STRENGTH
1) Bend strength
Do not bend the lead more than twice. (Fig.9)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.10)
HANDLING PRECAUTIONS
Although rigid against vibration, the LEDs may damaged or scratched if dropped. So take care
when handling.
CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the LED surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be sued.
(Immersion time: within 3 minutes at room temperature.)
SOLVENT
ADAPTABILITY
Freon TE
Chlorothene
Isopropyl Alcohol
Thinner
Acetone
Trichloroethylene
--Usable
--Do not use.
Page :
8
Fig.9
OK!
Fig.10
1Kg
NOTE: Influences of ultrasonic cleaning of the LED
resin body differ depending on such factors
as the oscillator output, size of the PC board
and the way in which the LED is mounted.
Therefore, ultrasonic cleaning should only be
performed after confirming there is no problem by
conducting a test under practical.
LED LAMP
APPLICATION


Similar Part No. - 980PG0C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
980PG2C HB-980PG2C Datasheet
697Kb / 9P
   FLUX LED
More results

Similar Description - 980PG0C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
913MY8C HB-913MY8C Datasheet
609Kb / 9P
   FLUX LED
940MW7C HB-940MW7C Datasheet
810Kb / 10P
   FLUX LED
940MY8C HB-940MY8C Datasheet
660Kb / 9P
   FLUX LED
980MY8C HB-980MY8C Datasheet
605Kb / 9P
   FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UR1C FORYARD-FYLF-1870UR1C_15 Datasheet
416Kb / 7P
   Flux LED
FYLF-1870UY1C FORYARD-FYLF-1870UY1C_15 Datasheet
416Kb / 7P
   Flux LED
logo
HB Electronic Component...
980LB7C HB-980LB7C Datasheet
603Kb / 9P
   FLUX LED
980PB6C HB-980PB6C Datasheet
648Kb / 9P
   FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UW1C FORYARD-FYLF-1870UW1C_15 Datasheet
416Kb / 7P
   Flux LED
FYLF-1870UW1C-UWW FORYARD-FYLF-1870UW1C-UWW Datasheet
416Kb / 7P
   Flux LED
logo
HB Electronic Component...
940MR2C HB-940MR2C Datasheet
639Kb / 9P
   FLUX LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com