Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603LGCT Datasheet(PDF) 5 Page - HB Electronic Components

Part # 0603LGCT
Description  SURFACE MOUNT DEVICE LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

0603LGCT Datasheet(HTML) 5 Page - HB Electronic Components

  0603LGCT Datasheet HTML 1Page - HB Electronic Components 0603LGCT Datasheet HTML 2Page - HB Electronic Components 0603LGCT Datasheet HTML 3Page - HB Electronic Components 0603LGCT Datasheet HTML 4Page - HB Electronic Components 0603LGCT Datasheet HTML 5Page - HB Electronic Components 0603LGCT Datasheet HTML 6Page - HB Electronic Components 0603LGCT Datasheet HTML 7Page - HB Electronic Components 0603LGCT Datasheet HTML 8Page - HB Electronic Components 0603LGCT Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SURFACE MOUNT DEVICE LED
Part No. :
0603LGCT
REV:A / 0
1
Label Explanation
BATCH: L1 B9 AC
L1: Luminous Intensity Code
B9: Forward Voltage Code
AC: Dom Wavelength Code
Reel Dimensions
Notes:
1. Taping Quantity : 4000PCS
2. The tolerances unless mentioned is±0.1mm, Angle±0.5°, Unit : mm.
DRAWING NO. : DS-74-03-0008
DATE : 2004-06-07
PAGE
5 of 10


Similar Part No. - 0603LGCT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0603L LITTELFUSE-0603L Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
0603L004 LITTELFUSE-0603L004 Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
More results

Similar Description - 0603LGCT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com