Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NV2MQ2CSDC12V0.56 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NV2MQ2CSDC12V0.56
Description  Small size, light weight.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NV2MQ2CSDC12V0.56 Datasheet(HTML) 1 Page - DB Lectro Inc

  NV2MQ2CSDC12V0.56 Datasheet HTML 1Page - DB Lectro Inc NV2MQ2CSDC12V0.56 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight.
Low coil power consumption.
Switching capacity up to 20A.
PC board mounting.
Suitable for automobile, automation system, electronic equipment, instrument, meter, telecommunication facilities and
remote control facilities.
Ordering Information
NV2M
Q
1C
Z
DC12V
0.6
1
2
3
4
5
6
1 Part number:NV2M
2 NIL:Standard;Q:Quiet type
3 Contact arrangement:1A:1A;1C:1C
2A:2A; 2C:2C
4 Enclosure:S: Sealed type;Z: Dust cover
5 Coil rated Voltage(V):DC:12
6 Coil power consumption:0.56:0.56W;0.6:0.6W;0.8: 0.8W
Contact Data
Contact Arrangement
1A
SPSTNO
, 1C
SPDT(B-M)
2A
DPSTNO
, 2C
DPDT(B-M)
Contact Material
Ag SnO
2
Contact Rating (resistive)
NO:20A/14VDC
NC:15A/14VDC
Max. Switching Power
280W
Max. Switching Voltage
40VDC
Max. Switching Current:20A
Contact Resistance or Voltage drop
30m
or 30mV at 10A max make time 15s
Item 3.12 of IEC255-7
Electrical
2
y105
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(58%of rated
voltage )
release
voltage
VDC(min)
(9% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
012-800
12
18
180
6.9
1
0.8
3
1.2
012-600
12
18
240
6.9
1
0.6
3
1.2
012-560
12
18
260
6.9
1
0.56
3
1.2
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Sound Pre. Characteristics (Q type)
Operation noise
<50db
Coil
voltage :12VDC
125
NV2M
Patent No. 01330295.7
023121297
18.2
×17.4×13.8 (2A,2C)
18.0
×9.5×13.6 (1A,1C)
Q Type: 22.8×22.3×20.4
www.dblectro.com


Similar Part No. - NV2MQ2CSDC12V0.56

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NV2MQ2CSDC12V DBLECTRO-NV2MQ2CSDC12V Datasheet
335Kb / 2P
   Low coil power consumption
More results

Similar Description - NV2MQ2CSDC12V0.56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
NV2R HUAXINAN-NV2R Datasheet
806Kb / 1P
   Small size, light weight
NG6D HUAXINAN-NG6D Datasheet
357Kb / 1P
   Small size,light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com