Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603KRCT Datasheet(PDF) 2 Page - HB Electronic Components

Part # 0603KRCT
Description  SURFACE MOUNT DEVICE LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

0603KRCT Datasheet(HTML) 2 Page - HB Electronic Components

  0603KRCT Datasheet HTML 1Page - HB Electronic Components 0603KRCT Datasheet HTML 2Page - HB Electronic Components 0603KRCT Datasheet HTML 3Page - HB Electronic Components 0603KRCT Datasheet HTML 4Page - HB Electronic Components 0603KRCT Datasheet HTML 5Page - HB Electronic Components 0603KRCT Datasheet HTML 6Page - HB Electronic Components 0603KRCT Datasheet HTML 7Page - HB Electronic Components 0603KRCT Datasheet HTML 8Page - HB Electronic Components 0603KRCT Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SURFACE MOUNT DEVICE LED
Part No. :
0603KRCT
REV:A / 03
Chip Materials
Dice Material : AlInGaP
Light Color : Super Red
Lens Color : Water Clear
Absolute Maximum Ratings(Ta=25℃)
Symbol
Parameter
Rating
Unit
PD
Power Dissipation
75
mW
IPF
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
80
mA
IF
Continuous Forward Current
30
mA
-
De-rating Linear From 25℃
0.25
mA/℃
VR
Reverse Voltage
5
V
ESD
Electrostatic Discharge Threshold(HBM)Note A
2000
V
Topr
Operating Temperature Range
-40 ~ +85
Tstg
Storage Temperature Range
-40 ~ +85
-
Wave Soldering Condition (Two times Max.)
260 (for 5 seconds)
-
Infrared Soldering Condition (Two times MAX.) 240 (for 10 seconds)
Note A :
HBM : Human Body Model. Seller gives no other assurances regarding the ability of to
withstand ESD.
Electro-Optical Characteristics(Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
16.0
40.0
80.0
mcd
IF=20mA
Viewing Angle
2θ1/2
130
deg
Note 2
Peak Emission
Wavelength
λ
p
639
nm
Measurement @Peak
Dominant Wavelength
λ
d
631
nm
IF=20mA
Spectral Line
Half-Width
Δλ
17
nm
Forward Voltage
VF
1.9
2.4
V
IF =20mA
Reverse Current
IR
100
μ
A
VR = 5V
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE
2 of 10


Similar Part No. - 0603KRCT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603KGCT HB-0603KGCT Datasheet
108Kb / 3P
   SMD
0603KYCT HB-0603KYCT Datasheet
111Kb / 3P
   SMD
More results

Similar Description - 0603KRCT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603LGCT HB-0603LGCT Datasheet
811Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com