Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT74D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HCT74D
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT74D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT74D Datasheet HTML 7Page - NXP Semiconductors 74HCT74D Datasheet HTML 8Page - NXP Semiconductors 74HCT74D Datasheet HTML 9Page - NXP Semiconductors 74HCT74D Datasheet HTML 10Page - NXP Semiconductors 74HCT74D Datasheet HTML 11Page - NXP Semiconductors 74HCT74D Datasheet HTML 12Page - NXP Semiconductors 74HCT74D Datasheet HTML 13Page - NXP Semiconductors 74HCT74D Datasheet HTML 14Page - NXP Semiconductors 74HCT74D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2003 Jul 10
11
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74HC74; 74HCT74
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay
nCP to nQ, nQ
see Fig.7
2.0
−−
265
ns
4.5
−−
53
ns
6.0
−−
45
ns
propagation delay
nSD to nQ, nQ
see Fig.8
2.0
−−
300
ns
4.5
−−
60
ns
6.0
−−
51
ns
propagation delay
nRD to nQ, nQ
see Fig.8
2.0
−−
300
ns
4.5
−−
60
ns
6.0
−−
51
ns
tTHL/tTLH
output transition time
see Fig.7
2.0
−−
110
ns
4.5
−−
22
ns
6.0
−−
19
ns
tW
clock pulse width HIGH
or LOW
see Fig.7
2.0
120
−−
ns
4.5
24
−−
ns
6.0
20
−−
ns
tW
set or reset pulse width
LOW
see Fig.8
2.0
120
−−
ns
4.5
24
−−
ns
6.0
20
−−
ns
trem
removal time set or
reset
see Fig.8
2.0
45
−−
ns
4.5
9
−−
ns
6.0
8
−−
ns
tsu
set-up time nD to nCP
see Fig.7
2.0
90
−−
ns
4.5
18
−−
ns
6.0
15
−−
ns
th
hold time nCP to nD
see Fig.7
2.0
3
−−
ns
4.5
3
−−
ns
6.0
3
−−
ns
fmax
maximum clock pulse
frequency
see Fig.7
2.0
4.0
−−
MHz
4.5
20
−−
MHz
6.0
24
−−
MHz
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)


Similar Part No. - 74HCT74D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT74D NXP-74HCT74D Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D PHILIPS-74HCT74D Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D PHILIPS-74HCT74D Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D NXP-74HCT74D Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
logo
Nexperia B.V. All right...
74HCT74D NEXPERIA-74HCT74D Datasheet
299Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 8 - 9 February 2023
More results

Similar Description - 74HCT74D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com