Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVF4-5AS30ADC12VR Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NVF4-5AS30ADC12VR
Description  Contact load capacity up to 30A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVF4-5AS30ADC12VR Datasheet(HTML) 1 Page - DB Lectro Inc

  NVF4-5AS30ADC12VR Datasheet HTML 1Page - DB Lectro Inc NVF4-5AS30ADC12VR Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Miniature.
Contact load capacity up to 30A.
Suitable for automobile.
Terminal types as inserting.
Ordering Information
NVF4-5
C
Z
30
b
DC12V
R
1
2
3
4
5
6
7
1 Part number:NVF4-5
2 Contact arrangement
A:1A
3 Enclosure:S: Sealed type;Z: Dust cover
4 Contact Current:30:30A
5 Terminals
b: PCB type;a: plug in type
6 Coil rated Voltage(V):DC:12
7 Coil transient suppression: R: with resistance;
NIL: standard
Contact Data
Contact Arrangement
1A
SPSTNO
Contact Material
Ag SnO
2
,
AgNi
Contact Rating (resistive)
30A/14VDC
Max. Switching Power
420W
Max. Switching Voltage
75VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
100mV (at 30A)
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
number
Rate
d
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(67%of rated
voltage )
release
voltage
VDC(min)
(12.5% of
rated voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
012-2200
12
15.6
67
8
1.5
2.2
7
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
137
NVF4-5
26.5
×26.5×25
www.dblectro.com


Similar Part No. - NVF4-5AS30ADC12VR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF4-5AS30ADC12VR DBLECTRO-NVF4-5AS30ADC12VR Datasheet
294Kb / 2P
   Contact load capacity up to 30A
More results

Similar Description - NVF4-5AS30ADC12VR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
   Contact load capacity up to 150A
logo
HuaXinAn Electronics CO...
NV23K-C HUAXINAN-NV23K-C Datasheet
375Kb / 1P
   Heavy contact load switching current up to 30A
NV2312C HUAXINAN-NV2312C Datasheet
423Kb / 1P
   Heavy contact load switching current up to 30A.
NV23K-A HUAXINAN-NV23K-A Datasheet
375Kb / 1P
   Heavy contact load switching current up to 30A.
NV2312A HUAXINAN-NV2312A Datasheet
423Kb / 1P
   Heavy contact load switching current up to 30A.
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
A11ASQ12VDC1.2 CIT-A11ASQ12VDC1.2 Datasheet
104Kb / 3P
   Switching capacity up to 30A
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
   Load capacity of up to 15A
logo
List of Unclassifed Man...
G53AD-DC110 ETC-G53AD-DC110 Datasheet
54Kb / 2P
   Miniature Type, Heavy contact load up to 4000VA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com