Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXA75-48S05 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # BXA75-48S05
Description  Single output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

BXA75-48S05 Datasheet(HTML) 2 Page - Artesyn Technologies

  BXA75-48S05 Datasheet HTML 1Page - Artesyn Technologies BXA75-48S05 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
OUTPUT
OUTPUT
OVP (5)
INPUT
EFFICIENCY
REGULATION
MODEL
VOLTAGE
VOLTAGE
CURRENT
CURRENT (1)
LINE
LOAD
NUMBER (6)
36-75VDC
3.3V
20.0A
4VDC
2.18A
79%
±0.1%
±0.1%
BXA75-48S3V3
36-75VDC
5.0V
15.0A
6.2VDC
1.95A
83%
±0.1%
±0.1%
BXA75-48S05
36-75VDC
12.0V
6.3A
14VDC
1.85A
86%
±0.1%
±0.1%
BXA75-48S12
36-75VDC
15.0V
5.0A
18VDC
1.80A
87%
±0.1%
±0.1%
BXA75-48S15
Notes
1
At nominal input and output voltage and maximum load.
2
Total error band is defined as the static output regulation at 25°C including
initial setting accuracy, input voltage within stated limits and output
current within stated limit.
3
Measured with 10µF tantalum capacitor across output.
4
EMI measured on either line into a 50
Ω LISN with 120µF electrolytic input
capacitor.
5
Overvoltage limit may be tested by applying -5V to -15V to the trim pin 11
with respect to –sense pin 18.
6
To order optional standard heatsink, please add suffix ‘-1’ to model
number e.g. BXA75-48S05-1.
M3 x 0.5 Metric Tap Thru
0.22
± 0.03 Dia. Standoff
View fr
View from Underside
(Pin Side)
0.02
(0.5)
0.5
(12.7)
0.15
(3.8)
MIN.
LENGTH
18
17
16
15
14
13
12
11
10
9
0.4 (10.2)
0.7 (17.9 )
3.5 (88.9)
3.2 (81.3)
0.15 (3.8)
0.6 (15.2)
0.7 (17.9)
2.4
(60.9)
0.15 (3.8)
0.45
(11.5)
0.2 (5.1)
1
2
3
4
5
6
7
8
0.2 (5.1)
0.2 (5.1)
0.2 (5.1)
0.2 (5.1)
0.2 (5.1)
0.2 (5.1)
ALL DIMENSIONS IN INCHES (mm)
Pins are in true position within .010 DIA. @ M.M.C.
Tolerance (inches)
:
.xx =
±0.02
.xxx =
±0.005
Heatsink adds 0.74" to height of unit
0.2 (5.1)
0.04 Dia. (1.02)
0.3 (7.62)
Temperature Derating Data
TRIM
UP/DOWN
TRIM
DOWN
TRIM
UP
+ Sense
TRIM
- Sense
10K
AMBIENT TEMPERATURE (deg.C)
TEMPERATURE DERATING WITHOUT HEATSINK
BXA75-48S3V3/05
TEMPERATURE DERATING WITH HEATSINK
BXA75-48S12/15 (See Note 6)
TEMPERATURE DERATING WITHOUT HEATSINK
BXA75-48S12/15
TEMPERATURE DERATING WITH HEATSINK
BXA75-48S3V3/05 (See Note 6)
AMBIENT TEMPERATURE (deg.C)
110
100
90
80
70
60
50
40
30
20
10
0
200 lfm
500 lfm
0 lfm
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
110
100
90
80
70
60
50
40
30
20
10
0
0 lfm
200 lfm
500 lfm
110
100
90
80
70
60
50
40
30
20
10
0
0 lfm
200 lfm
500 lfm
110
100
90
80
70
60
50
40
30
20
10
0
0 lfm
200 lfm
500 lfm
66 to 75 Watt
Wide input DC/DC converters
DC/DC CONVERTERS
|
66-75W DC/DC
PAGE 2
http://www.artesyn.com
PIN CONNECTIONS
PIN
PIN
NUMBER
FUNCTION
NUMBER
FUNCTION
1
– Vin
10
No Pin
2
– Vin
11
Trim
3
+ Vin
12
+ Sense
4
+ Vin
13
+ Vout
5
No Pin
14
+ Vout
6
No Pin
15
No Pin
7
Remote On/Off
16
– Vout
8
No Pin
17
– Vout
9
No Pin
18
– Sense
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed
by using either method shown below.


Similar Part No. - BXA75-48S05

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXA RUBYCON-BXA Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
   8-10W Wide Input DC/DC Converters
logo
Emerson Network Power
BXA10 EMERSON-NETWORKPOWER-BXA10 Datasheet
238Kb / 4P
   1 x 2 x 0.395 inch package with stand-offs
logo
Artesyn Technologies
BXA10-12D05 ARTESYN-BXA10-12D05 Datasheet
70Kb / 3P
   8-10W Wide Input DC/DC Converters
logo
Emerson Network Power
BXA10-12D05J EMERSON-NETWORKPOWER-BXA10-12D05J Datasheet
238Kb / 4P
   1 x 2 x 0.395 inch package with stand-offs
More results

Similar Description - BXA75-48S05

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com