Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE1200 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AFE1200
Description  Single output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AFE1200 Datasheet(HTML) 1 Page - Artesyn Technologies

  AFE1200 Datasheet HTML 1Page - Artesyn Technologies AFE1200 Datasheet HTML 2Page - Artesyn Technologies AFE1200 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AFE1200 SERIES
Single output
[ 2 YEAR WARRANTY ]
• Approved to EN61000, IEC-1000, UL1950,
CSA 22.2 No. 950-95
• Operating ambient temperature of 0°C to +50°C
• Complies with ETS300 132-1 and EN61000-3-2
• Hot-swap capability
• 11.5 x 6.75 x 3.35 inch size
• N+1 redundancy capability
• Extensive features available
• Compatible with AFS standard shelves for configuring
rack-mounted power systems
The AFE1200 power module is a rack mountable single phase AC to DC power
supply, designed to be a cost-competitive front-end power supply for distributed
power systems. It is particularly suitable for use in data processing, datacom and
telecom applications. The outputs are fully floating, enabling users to adopt whatever
rail reference configuration they require. The AFE1200 power modules are designed
for hot-swap operation and can be mounted into AFS2400/4800 power shelves for
redundant-mode operation.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
OUTPUT SPECIFICATIONS
Output voltage
Main: 24/48Vdc
±1.5%
Auxiliary: 12Vdc
±1.0%
Output power
Main
1200W
Auxiliary
12W
Regulation
Line, load, IT, ageing
±3.0%
Turn-on
Output rise time
100 to 400ms
Turn-on (AC applied)
4s max.
Turn-on (inhibit removed)
1.5s max.
Ripple and noise
<50MHz
480mV pk-pk
Transmission noise
100 to 3kHz
35dBrnC
Overvoltage protection
60VDC max.
Undervoltage protection >44.5VDC
Delivers full power
<42VDC for >5s
Latch-off
Short circuit protection
<30s
Automatic recovery
>30s
Latch-off
Current sharing
Active current share
±10%
(50% to 100% loading)
Remote sense
1.0V max. distribution line loss
INPUT SPECIFICATIONS
Input voltage range
115/230VAC nom.
85 to 264VAC
Input frequency range
50/60Hz nom.
47Hz to 63Hz
Input inrush current
25°C cold start
12A typical
Safety ground
254VAC @ 60Hz
1.5mA max.
leakage current
1.1mA typ.
Input current
220VAC, 1200W
7.0A rms
Power factor
0.99 min.
EMC CHARACTERISTICS
Conducted emissions
FCC-CFR, part 15, subpart A
Class A
CISPR 22
Class A
Radiated emissions
FCC-CFR, part 15, subpart A
(Note 8)
CISPR 22
(Note 8)
Immunity - radiated
IEC1000-3
Level 3
Immunity - ESD
IEC1000-2
Level 3
Line harmonics
per EN61000-3-2
Compliant
GENERAL SPECIFICATIONS
Hold-up time
75 to 85VAC
500ms
(See Note 2)
0 to 75VAC
20ms
Efficiency
120VAC
83%
220VAC
86%
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Output/chassis
100VAC
Switching frequency
200kHz
Approvals and
EN60950, IEC950, UL1950
standards
CSA C22.2 No. 950
Case material
Electrolytic zinc coated CRS,
ASTM A591, light beige paint
Weight
4.0kg (8Ibs)
MTBF
MIL-HDBK-217E
150,000 hours
Demonstrated
300,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
0°C to +50°C
Non-operating
-40°C to +100°C
Cooling
Forced air
Relative humidity
Operating
5% to 95% RH
Altitude
Operating
13,000 feet max.
Vibration
5Hz to 500Hz
0.75G rms peak
Shock
15G, 1/2 Sine, 11ms


Similar Part No. - AFE1200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203 TI-AFE1203 Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1203E BURR-BROWN-AFE1203E Datasheet
193Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
More results

Similar Description - AFE1200

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com