Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSOT236-T12C Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CDSOT236-T12C
Description  CDSOT236-T05~T24C Series - TVS Diode Arrays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDSOT236-T12C Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CDSOT236-T12C Datasheet HTML 1Page - Bourns Electronic Solutions CDSOT236-T12C Datasheet HTML 2Page - Bourns Electronic Solutions CDSOT236-T12C Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDSOT236-T05~T24C Series – TVS Diode Arrays
Mechanical Characteristics
64
5
13
2
MILLIMETERS
(INCHES)
DIMENSIONS =
1.70 - 2.10
(0.067 - 0.083)
2.80 - 3.05
(0.110 - 0.120)
2.60 - 3.00
(0.102 - 0.118)
0.90 - 1.30
(0.035 - 0.051)
0.90 - 1.45
(0.036 - 0.057)
1.50 - 1.75
(0.059 - 0.070)
0.35 - 0.55
(0.014 - 0.022)
0.09 - 0.20
(0.004 - 0.008)
0.20
(0.007)
0 - 10 °
0.85 - 1.05
(0.033 - 0.040)
0.35 - 0.50
(0.014 - 0.020)
2.40
(0.094)
1.90
(0.074)
0.95
(0.037)
0.70
(0.028)
1.00
(0.039)
MILLIMETERS
(INCHES)
DIMENSIONS =
This is a molded JEDEC SOT23-6 package with lead free 100 % Tin (Sn) on the lead frame. It weighs approximately 15 mg and has a
flammability rating of UL 94V-0.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Recommended Footprint
Product Dimensions
Packaging Information
The surface mount product will be dispensed in an 8 mm x 4 mm Tape and Reel format per EIA-481 standard.
2.0 ± 0.05
(.08 ± .002)
0.3 ± 0.05
(.01 ± .002)
3.9 ± 0.1
(.154 ± .004)
3.9 ± 0.1
(.154 ± .004)
1.75 ± 0.1
(.07 ± .004)
5.5 ± 0.3
(.22 ± .01)
12.0 ± 0.3
(.47 ± .01)
0.9 ± 0.1
(.035 ± .004)
ORIENTATION
OF COMPONENT
IN POCKET
BACKSIDE FACING UP
TOP SIDE VIEW
(INTO COMPONENT POCKET)
0.3
(0.01)
4.0 ± 0.1
(.16 ± .004)
8.0 ± 0.3
(.31 ± .01)
0.25
(0.010)
TYP.
R
1.5 ± 0.1/-0
(.06 ± .004/-0)
DIA.
MAX.
R
MILLIMETERS
(INCHES)
DIMENSIONS =
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.


Similar Part No. - CDSOT236-T12C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOT236-T12LC BOURNS-CDSOT236-T12LC Datasheet
97Kb / 3P
   Surface Mount TVS Diode
More results

Similar Description - CDSOT236-T12C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOD323-T24C-DSLQ BOURNS-CDSOD323-T24C-DSLQ Datasheet
182Kb / 5P
   CDSOD323-T24C-DSLQ - TVS Diode Series
CDSOT236-0504C BOURNS-CDSOT236-0504C Datasheet
298Kb / 4P
   CDSOT236-0504C - TVS/Steering Diode Array
logo
Littelfuse
SP723 LITTELFUSE-SP723 Datasheet
260Kb / 6P
   TVS Diode Arrays
SP724 LITTELFUSE-SP724 Datasheet
160Kb / 6P
   TVS Diode Arrays
SP5001 LITTELFUSE-SP5001 Datasheet
639Kb / 5P
   TVS Diode Arrays
SP0504S LITTELFUSE-SP0504S Datasheet
1Mb / 4P
   TVS Diode Arrays
SP0524P LITTELFUSE-SP0524P Datasheet
1Mb / 4P
   TVS Diode Arrays
logo
Bourns Electronic Solut...
CDSOT236-T05C BOURNS-CDSOT236-T05C_12 Datasheet
296Kb / 4P
   TVS Diode Arrays
logo
Littelfuse
SP720 LITTELFUSE-SP720 Datasheet
169Kb / 6P
   TVS Diode Arrays
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
   TVS Diode Arrays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com