Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDNBS08-USB3B Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CDNBS08-USB3B
Description  CDNBS08-USBxB Series - Steering Diode/TVS Array Combo
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS08-USB3B Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CDNBS08-USB3B Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS08-USB3B Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS08-USB3B Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS08-USB3B Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDNBS08-USBxB Series - Steering Diode/TVS Array Combo
Performance Graphs
Peak Pulse Power vs Pulse Time
10,000
1,000
100
10
1
0.01
10
100
10,000
1,000
td – Pulse Duration (µs)
500 W, 8/20 µs Waveform
Pulse Wave Form
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
Power Derating Curve
0
20
40
60
80
100
0
25
50
75
100
125
150
TL – Lead Temperature (°C)
Average Power
Peak Pulse Power
8/20 µs
Block Diagram
8765
1234
Device Pinout
Pin
Function
1
VCC
2
I/O 1
3
I/O 2
4
GND
5
VCC
6
I/O 1
7
I/O 2
8
GND
Typical Part Marking
CDNBS08-USB3B ......................................................................PRQ
CDNBS08-USB6B ......................................................................PRR


Similar Part No. - CDNBS08-USB3B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3 Datasheet
332Kb / 4P
   CDNBS08-PLC03-3.3 Steering Diode/TVS Array Combo
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3 Datasheet
275Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_09 Datasheet
275Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
More results

Similar Description - CDNBS08-USB3B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3 Datasheet
332Kb / 4P
   CDNBS08-PLC03-3.3 Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6 Datasheet
340Kb / 4P
   CDNBS08-PLC03-6 Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6 Datasheet
347Kb / 4P
   CDNBS08-SRDAxx-6 - Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-4 BOURNS-CDNBS08-SRDA3.3-4 Datasheet
323Kb / 4P
   CDNBS08-SRDAxx-4 Series - Steering Diode/TVS Array Combo
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
   Steering Diode/TVS Array Combo
logo
Protek Devices
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Leshan Radio Company
LGRV05-4LT1G LRC-LGRV05-4LT1G Datasheet
922Kb / 6P
   STEERING DIODE/TVS ARRAY COMBO
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com