Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXRS150ABG-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # ADXRS150ABG-REEL
Description  짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS150ABG-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXRS150ABG-REEL Datasheet HTML 4Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 5Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 6Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 7Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 8Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 9Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 10Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 11Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADXRS150
Rev. A | Page 9 of 12
of RSEN1 and RSEN2) at about 4.5 kΩ nominal, and CMID is less
well controlled since RSEN1 and RSEN2 have been used to trim the
rate sensitivity during manufacturing and have a ±35% toler-
ance. Its primary purpose is to limit the high frequency
demodulation artifacts from saturating the final amplifier stage.
Thus, this pole of nominally 400 Hz @ 0.1 µF need not be
precise. Lower frequency is preferable, but its variability usually
requires it to be about 10 times greater (in order to preserve
phase integrity) than the well-controlled output pole. In general,
both –3 dB filter frequencies should be set as low as possible to
reduce the amplitude of these high frequency artifacts as well as
to reduce the overall system noise.
Increasing Measurement Range
The full-scale measurement range of the ADXRS150 can be
increased by placing an external resistor between the
RATEOUT (1B, 2A) and SUMJ (1C, 2C) pins, which would
parallel the internal ROUT resistor that is factory-trimmed to
180 kΩ. For example, a 330 kΩ external resistor will give
approximately 8.1 mV/°/sec sensitivity and a commensurate
~50% increase in the full-scale range. This is effective for up to a
4× increase in the full-scale range (minimum value of the paral-
lel resistor allowed is 45 kΩ). Beyond this amount of external
sensitivity reduction, the internal circuitry headroom require-
ments prevent further increase in the linear full-scale output
range. The drawbacks of modifying the full-scale range are the
additional output null drift (as much as 2°/sec over tempera-
ture) and the readjustment of the initial null bias (see the Null
Adjust section).
Temperature Output and Calibration
It is common practice to temperature-calibrate gyros to
improve their overall accuracy. The ADXRS150 has a tempera-
ture-proportional voltage output that provides input to such a
calibration method. The voltage at TEMP (3F, 3G) is nominally
2.5 V at 27°C and has a PTAT (proportional to absolute tem-
perature) characteristic of 8.4 mV/°C. Note that the TEMP
output circuitry is limited to 50 µA source current.
Using a 3-point calibration technique, it is possible to calibrate
the ADXRS150’s null and sensitivity drift to an overall accuracy
of nearly 300°/hour. An overall accuracy of 70°/hour or better
is possible using more points. Limiting the bandwidth of the
device reduces the flat-band noise during the calibration
process, improving the measurement accuracy at each
calibration point.
Using the ADXRS150 with a Supply-
Ratiometric ADC
The ADXRS150’s RATEOUT signal is nonratiometric, i.e., nei-
ther the null voltage nor the rate sensitivity is proportional to
the supply. Instead they are nominally constant for dc supply
changes within the 4.75 V to 5.25 V operating range. If the
ADXRS150 is used with a supply-ratiometric ADC, the
ADXRS150’s 2.5 V output can be converted and used to make
corrections in software for the supply variations.
Null Adjustment
Null adjustment is possible by injecting a suitable current to
SUMJ (1C, 2C). Adding a suitable resistor to either ground or
the positive supply is a simple way of achieving this. The nomi-
nal 2.5 V null is for a symmetrical swing range at RATEOUT
(1B, 2A). However, a nonsymmetric output swing may be suit-
able in some applications. Note that if a resistor is connected to
the positive supply, supply disturbances may reflect some null
instability. Digital supply noise should be avoided particularly in
this case (see Supply and Common Considerations section).
The resistor value to use is approximately:
)
V
)/(V
(
R
NULL1
NULL0
NULL
000
180
5
2
,
.
×
=
VNULL0 is the unadjusted zero rate output, and VNULL1 is the target
null value. If the initial value is below the desired value, the
resistor should terminate on common or ground. If it is above
the desired value, the resistor should terminate on the 5 V sup-
ply. Values typically are in the 1 MΩ to 5 MΩ range.
If an external resistor is used across RATEOUT and SUMJ, then
the parallel equivalent value is substituted into the above equa-
tion. Note that the resistor value is an estimate since it assumes
VCC = 5.0 V and VSUMJ = 2.5 V.
Self-Test Function
The ADXRS150 includes a self-test feature that actuates each of
the sensing structures and associated electronics in the same
manner as if subjected to angular rate. It is activated by standard
logic high levels applied to inputs ST1 (5F, 5G), ST2 (4F, 4G), or
both. ST1 will cause the voltage at RATEOUT to change about
–0.66 V and ST2 will cause an opposite change of +0.66 V. The
self-test response follows the viscosity temperature dependence
of the package atmosphere, approximately 0.25%/°C.
Activating both ST1 and ST2 simultaneously is not damaging.
Since ST1 and ST2 are not necessarily closely matched, actuat-
ing both simultaneously may result in an apparent null
bias shift.
Continuous Self-Test
The one-chip integration of the ADXRS150 gives it higher reli-
ability than is obtainable with any other high volume manufac-
turing method. Also, it is manufactured under a mature BIMOS
process that has field-proven reliability. As an additional failure
detection measure, power-on self-test can be performed. How-
ever, some applications may warrant continuous self-test while


Similar Part No. - ADXRS150ABG-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS150EB AD-ADXRS150EB Datasheet
81Kb / 1P
   150/s Single Chip Rate Gyro Evaluation Board
REV. 0
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

Similar Description - ADXRS150ABG-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com