Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD214A-R1600 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CD214A-R1600
Description  CD214A-R150~R11600 Glass Passivated Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-R1600 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD214A-R1600 Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-R1600 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A-R150~R11600 Glass Passivated Rectifiers
Product Dimensions
How To Order
CD 214A - R 1 50
Common Code
Chip Diode
Package
• 214A = SMA/DO-214AC
Model
R = Glass Passivated Rectifiers
Forward Current I(AV)
1 = 1 A
Reverse Voltage
50 = 50 V
100 = 100 V
200 = 200 V
400 = 400 V
600 = 600 V
800 = 800 V
1000 = 1000 V
1100 = 1100 V
1200 = 1200 V
1600 = 1600 V
Dimensions
DO-214AC (SMA)
A
4.06 - 4.57
(0.160 - 0.180)
B
2.29 - 2.92
(0.090 - 0.115)
C
1.27 - 1.63
(0.050 - 0.064)
D
0.15 - 0.31
(0.006 - 0.112)
E
4.83 - 5.59
(0.190 - 0.220)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
This is a lead free molded plastic package. The polarity is indicated
by a cathode band and weighs approximately 0.064 g. The
package and dimensions are shown below.
B
G
F
D
C
MM
(INCHES)
DIMENSIONS:
H
E
A
Recommended Pad Layout
MM
(INCHES)
DIMENSIONS:
2.70
(0.106)
Max.
2.10
(0.083)
Max.
1.27
(0.050)
Max.
Physical Specifications
Case ............................................Molded plastic per UL Class 94V-0
Polarity ................................................Band indicates diode cathode
Weight ....................................................0.002 ounces / 0.064 grams
CD214A-R150 ......................................................................
R1A
CD214A-R1100 ....................................................................
R1B
CD214A-R1200 ....................................................................
R1D
CD214A-R1400 ....................................................................
R1G
CD214A-R1600 ....................................................................
R1J
CD214A-R1800 ....................................................................
R1K
CD214A-R11000 ..................................................................
R1M
CD214A-R11100 ..................................................................
R1N
CD214A-R11200 ..................................................................
R1Q
CD214A-R11600 ..................................................................
R1Y
Typical Part Marking


Similar Part No. - CD214A-R1600

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-R12000R BOURNS-CD214A-R12000R Datasheet
182Kb / 5P
   CD214A-R12000R Rectifier Chip Diode
REV. 03/20
More results

Similar Description - CD214A-R1600

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com