Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2186NKST-320 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-2186NKST-320
Description  DSP Microcomputer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2186NKST-320 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-2186NKST-320 Datasheet HTML 2Page - Analog Devices ADSP-2186NKST-320 Datasheet HTML 3Page - Analog Devices ADSP-2186NKST-320 Datasheet HTML 4Page - Analog Devices ADSP-2186NKST-320 Datasheet HTML 5Page - Analog Devices ADSP-2186NKST-320 Datasheet HTML 6Page - Analog Devices ADSP-2186NKST-320 Datasheet HTML 7Page - Analog Devices ADSP-2186NKST-320 Datasheet HTML 8Page - Analog Devices ADSP-2186NKST-320 Datasheet HTML 9Page - Analog Devices ADSP-2186NKST-320 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
ADSP-218xN Series
–6–
REV. 0
Memory Interface Pins
ADSP-218xN series members can be used in one of two
modes: Full Memory Mode, which allows BDMA operation
with full external overlay memory and I/O capability, or
Host Mode, which allows IDMA operation with limited
external addressing capabilities.
The operating mode is determined by the state of the Mode
C pin during RESET and cannot be changed while the
processor is running. Table 3 and Table 4 list the active
signals at specific pins of the DSP during either of the two
operating modes (Full Memory or Host). A signal in one
table shares a pin with a signal from the other table, with the
active signal determined by the mode that is set. For the
shared pins and their alternate signals (e.g., A4/IAD3), refer
to the package pinouts in Table 27 on page 40 and Table 28
on page 42.
Terminating Unused Pins
Table 5 shows the recommendations for terminating
unused pins.
Table 3. Full Memory Mode Pins (Mode C = 0)
Pin Name
# of Pins
I/O
Function
A13 – 0
14
O
Address Output Pins for Program, Data, Byte, and I/O Spaces
D23 – 0
24
I/O
Data I/O Pins for Program, Data, Byte, and I/O Spaces (8 MSBs are also used
as Byte Memory Addresses.)
Table 4. Host Mode Pins (Mode C = 1)
Pin Name
# of Pins
I/O
Function
IAD15 – 0
16
I/O
IDMA Port Address/Data Bus
A0
1
O
Address Pin for External I/O, Program, Data, or Byte Access
1
D23 – 8
16
I/O
Data I/O Pins for Program, Data, Byte, and I/O Spaces
IWR
1
I
IDMA Write Enable
IRD
1
I
IDMA Read Enable
IAL
1
I
IDMA Address Latch Pin
IS
1I
IDMA Select
IACK
1
O
IDMA Port Acknowledge Configurable in Mode D; Open Drain
1In Host Mode, external peripheral addresses can be decoded using the A0, CMS, PMS, DMS, and IOMS signals.
Table 5. Unused Pin Terminations
Pin Name1
I/O
3-State
(Z)2
Reset
State
Hi-Z3 Caused By
Unused Configuration
XTAL
O
O
Float
CLKOUT
O
O
Float
4
A13 – 1 or
O (Z)
Hi-Z
BR, EBR
Float
IAD12 – 0
I/O (Z)
Hi-Z
IS
Float
A0
O (Z)
Hi-Z
BR, EBR
Float
D23 – 8
I/O (Z)
Hi-Z
BR, EBR
Float
D7 or
I/O (Z)
Hi-Z
BR, EBR
Float
IWR
I
I
High (Inactive)
D6 or
I/O (Z)
Hi-Z
BR, EBR
Float
IRD
II
BR, EBR
High (Inactive)
D5 or
I/O (Z)
Hi-Z
Float
IAL
I
I
Low (Inactive)
D4 or
I/O (Z)
Hi-Z
BR, EBR
Float
IS
I
I
High (Inactive)


Similar Part No. - ADSP-2186NKST-320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2186NKST-320 AD-ADSP-2186NKST-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2186NKST-320 AD-ADSP-2186NKST-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2186NKST-320 AD-ADSP-2186NKST-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2186NKST-320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com