Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC597N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC597N
Description  8-bit shift register with input flip-flops
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC597N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC597N Datasheet HTML 1Page - NXP Semiconductors 74HC597N Datasheet HTML 2Page - NXP Semiconductors 74HC597N Datasheet HTML 3Page - NXP Semiconductors 74HC597N Datasheet HTML 4Page - NXP Semiconductors 74HC597N Datasheet HTML 5Page - NXP Semiconductors 74HC597N Datasheet HTML 6Page - NXP Semiconductors 74HC597N Datasheet HTML 7Page - NXP Semiconductors 74HC597N Datasheet HTML 8Page - NXP Semiconductors 74HC597N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
December 1990
2
Philips Semiconductors
Product specification
8-bit shift register with input flip-flops
74HC/HCT597
FEATURES
• 8-bit parallel storage register inputs
• Shift register has direct overriding load and clear
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT597 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT597 consist each of an 8-bit storage
register feeding a parallel-in, serial-out 8-bit shift register.
Both the storage register and the shift register have
positive edge-triggered clocks. The shift register also has
direct load (from storage) and clear inputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5V
SHCP to Q
17
20
ns
STCP to Q
25
29
ns
PL to Q
21
26
ns
fmax
maximum clock frequency SHCP
96
83
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
29
32
pF


Similar Part No. - 74HC597N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC597 NEXPERIA-74HC597 Datasheet
314Kb / 20P
   8-bit shift register with input flip-flops
Rev. 5 - 26 October 2021
74HC597-Q100 NEXPERIA-74HC597-Q100 Datasheet
781Kb / 20P
   8-bit shift register with input flip-flops
74HC597-Q100 NEXPERIA-74HC597-Q100 Datasheet
298Kb / 19P
   8-bit shift register with input flip-flops
Rev. 2 - 26 October 2021
74HC597D NEXPERIA-74HC597D Datasheet
314Kb / 20P
   8-bit shift register with input flip-flops
Rev. 5 - 26 October 2021
74HC597D-Q100 NEXPERIA-74HC597D-Q100 Datasheet
781Kb / 20P
   8-bit shift register with input flip-flops
More results

Similar Description - 74HC597N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT597 PHILIPS-74HC_HCT597_15 Datasheet
218Kb / 23P
   8-bit shift register with input flip-flops
Rev. 3-15 April 2014
logo
Nexperia B.V. All right...
74HCT597-Q100 NEXPERIA-74HCT597-Q100 Datasheet
298Kb / 19P
   8-bit shift register with input flip-flops
Rev. 2 - 26 October 2021
74HC597-Q100 NEXPERIA-74HC597-Q100 Datasheet
781Kb / 20P
   8-bit shift register with input flip-flops
74HCT597 NEXPERIA-74HCT597 Datasheet
314Kb / 20P
   8-bit shift register with input flip-flops
Rev. 5 - 26 October 2021
logo
NXP Semiconductors
74HC7597 PHILIPS-74HC7597 Datasheet
90Kb / 12P
   8-bit shift register with input latches
December 1990
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
   8-bit shift register with input storage registers
1991 Sep 13
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com