Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX-3 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # RX-3
Description  REMOTE CONTROLLER WITH TWO FUNCTIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

RX-3 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  RX-3 Datasheet HTML 1Page - Silan Microelectronics Joint-stock RX-3 Datasheet HTML 2Page - Silan Microelectronics Joint-stock RX-3 Datasheet HTML 3Page - Silan Microelectronics Joint-stock RX-3 Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silan
Semiconductors
RX-3
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2000.12.31
2
PIN DESCRIPTION
Pin No.
Symbol
Description
1
VO2
Inverter 2 output pin for signal amplify
2
NC
No connection
3
GND
Negative power supply
4
SI
Input pin of the encoding signal
5
OSCI
Oscillator input pin
6
NC
No connection
7
OSCO
Oscillator output pin
8
BACKWARD
Backward output pin
9
NC
No connection
10
NC
No connection
11
FORWARD
Forward output pin
12
VDD
Positive power supply
13
NC
No connection
14
VI1
Inverter 1 input pin for signal amplify
15
VO1
Inverter 1 output pin for signal amplify
16
VI2
Inverter 2 input pin for signal amplify
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Supply Voltage
VDC
0.3~15
V
Input / Output Voltage
VI/O
GND-0.3~VDD+0.3
V
Operating Temperature
TOPR
-10~60
°C
Storage Temperature
Tstg
-25~125
°C
ELECTRICAL CHARACTERISTICS
(VDD=6.0V,Fosc=76KHz, Tamb=25
°C, unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Unit
Operating Voltage
VDD
2.2
6
12
V
Operating Current
IDD
--
9
--
mA
O/P Driving Current
Idrive
--
5
--
mA
Effect Decoding Frequency Variation
Ftolerance
-20%
--
20%
--


Similar Part No. - RX-3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RX-0505D RECOM-RX-0505D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-0505D RECOM-RX-0505D Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RX-0505D RECOM-RX-0505D Datasheet
112Kb / 2P
   ECONOLINE - DC/DC-Converter, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
RX-0505D RECOM-RX-0505D Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RX-0505D/P RECOM-RX-0505D/P Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RX-3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCT6 UTC-RCT6 Datasheet
251Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
List of Unclassifed Man...
RX-5 ETC-RX-5 Datasheet
145Kb / 10P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
SHENZHEN FUMAN ELECTRON...
SCTX6A FUMAN-SCTX6A Datasheet
246Kb / 7P
   REMOTE CONTROLLER WITH SECEN FUNCTIONS
SCTX5A FUMAN-SCTX5A Datasheet
224Kb / 7P
   REMOTE CONTROLLER WITH NINE FUNCTIONS
logo
Unisonic Technologies
RCR6C UTC-RCR6C_15 Datasheet
253Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR5 UTC-RCR5 Datasheet
326Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com