Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F13F Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # F13F
Description  SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

F13F Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  F13F Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
FREQUENCY RANGE
20.00 MHz TO 45.00 MHz
PASS BANDWIDTH AT 3dB
± 3.75 KHz MIN
ATTENUATION BANDWIDTH AT 10dB
± 12.5 KHz MAX
RIPPLE
1.0 dB MAX
INSERTION LOSS
4.0 dB MAX †
ATTENUATION GUARANTEED
AT Fo - 910 KHz 40 dB MIN
TERMINAL IMPEDANCE
SPECIFIC TO PRODUCT MODEL
OPERATING TEMPERATURE RANGE
-20°C TO +70°C
1.5 DIA
.06 DIA
.079
2.0
1.7
5.4
.213
.315
.067
8.0
MARKING
AREA
.276 ± .008
7.0 ± 0.2
1
3
4
6
.177
4.6
10 - (R 0.3)
2
5
2 - (R 0.3)
2 - (R .008)
6 - 1.2
6 - .047
6.68
.263
2.0
.078
FEATURES
1.2 mm MAXIMUM HEIGHT
EXCELLENT STABILITY OVER TEMPERATURE
TAPE AND REEL PACKAGING
SERIES F13
SPECIFICATIONS
OUTLINE DRAWING
SOLDER PATTERN
F13
PIN
FUNCTION
1
GND
2
GND
3
IN/OUT
4
GND
5
GND
6
OUT/IN
PINCONNECTION
CARRIER TAPE DIMENSIONS
SOLDER REFLOW PROFILE
PREHEATING
REFLOW
COOLING
240 °C
150 °C
25 °C
60
TIME (SECONDS)
200
1 TO 9 °C/s
1 TO 5 °C/s
10 s
1 TO 5 °C/s
PACKAGING
180 mm REEL DIAMETER,16 mm TAPE WIDTH, 8 mm PITCH
QUANTITY: 1000 PIECES PER REEL
PART NUMBERING SYSTEM
SERIES
-
FREQUENCY
MODE
PASS BANDWIDTH
POLES
F13
IN MHz
F: FUNDAMENTAL
M: THIRD OVERTONE
±10 KHz = 20
A = 2 POLES
EXAMPLE: F13-45M20A
† DEPENDENT UPON FREQUENCY


Similar Part No. - F13F

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F130 FOX-F130 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
logo
Renesas Technology Corp
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
logo
List of Unclassifed Man...
F1300C ETC1-F1300C Datasheet
442Kb / 2P
   3.3V FR-4 Surface Mount Crystal Clock Oscillators
More results

Similar Description - F13F

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
F10 RALTRON-F10 Datasheet
27Kb / 1P
   SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
ASCF21UB ABRACON-ASCF21UB Datasheet
146Kb / 1P
   SURFACE MOUNT CRYSTAL FILTER
logo
Vectron International, ...
MQF13.0-2500 VECTRON-MQF13.0-2500_06 Datasheet
56Kb / 1P
   Monolithic crystal filter
MQF19.5-1200 VECTRON-MQF19.5-1200_06 Datasheet
57Kb / 1P
   Monolithic crystal filter
MQF20.0-0300 VECTRON-MQF20.0-0300_06 Datasheet
55Kb / 1P
   Monolithic crystal filter
MQF21.4-0750 VECTRON-MQF21.4-0750_06 Datasheet
60Kb / 1P
   Monolithic crystal filter
MQF21.4-1500-01 VECTRON-MQF21.4-1500-01_04 Datasheet
56Kb / 1P
   Monolithic crystal filter
MQF21.4-1500-33 VECTRON-MQF21.4-1500-33_02 Datasheet
63Kb / 1P
   Monolithic crystal filter
MQF21.4-1800-08 VECTRON-MQF21.4-1800-08_05 Datasheet
61Kb / 1P
   Monolithic crystal filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com