Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1254N Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part # TB1254N
Description  PAL / NTSC / SECAM 1CHIP (IFVCD PROCESSOR) IC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1254N Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button TB1254N Datasheet HTML 31Page - Toshiba Semiconductor TB1254N Datasheet HTML 32Page - Toshiba Semiconductor TB1254N Datasheet HTML 33Page - Toshiba Semiconductor TB1254N Datasheet HTML 34Page - Toshiba Semiconductor TB1254N Datasheet HTML 35Page - Toshiba Semiconductor TB1254N Datasheet HTML 36Page - Toshiba Semiconductor TB1254N Datasheet HTML 37Page - Toshiba Semiconductor TB1254N Datasheet HTML 38Page - Toshiba Semiconductor TB1254N Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image


Ver3.7
00/01/28 35
Note
Items/Symbols
Bus conditions
Measurement methods
S5
AF output signal
amplitude
/ vDet(s)5.5M
AF output S/N
/ S/N(s)5.5M
Total harmonics
distortion
/ THD5.5M
SIF-Freq. :5.5M
AUDIO ATT : 127
Others : Preset
(1)Input a signal that 5.5[MHz], 100[dB
V], 50[kHz] deviated by
400[Hz] sine wave at pin 56.
(2)Do same measuring as vDet(s)4.5MH et al. (vDet(s)5.5M,
S/N(s)5.5M, THD5.5M).
S6
AF output signal
amplitude
/ vDet(s)6.0M
AF output S/N
/ S/N(s)6.0M
Total harmonics
distortion
/ THD6.0M
SIF-Freq. : 6.0M
AUDIO ATT : 127
Others : Preset
(1)Input a signal that 6.0[MHz], 100[dB
V], 50[kHz] deviated by
400[Hz] sine wave at pin 56.
(2)Do same measuring as vDet(s)4.5MH et al. (vDet(s)6.0M,
S/N(s)6.0M, THD6.0M).
S7
AF output signal
amplitude
/ vDet(s)6.5M
AF output S/N
/ S/N(s)6.5M
Total harmonics
distortion
/ THD6.5M
SIF-Freq. : 6.5M
AUDIO ATT : 127
Others : Preset
(1)Input a signal that 6.5[MHz], 100[dB
V], 50[kHz] deviated by
400[Hz] sine wave at pin 56.
(2)Do same measuring as vDet(s)4.5MH et al. (vDet(s)6.5M,
S/N(s)6.5M, THD6.5M).
S8
Demodulation band
width of the FM
demodulator
/ fpH(s)1
/ fpL(s)1
SIF-Freq. : 4.5M
AUDIO ATT : 127
Others : Preset
(1)Input a signal that 4.5[MHz], 100[dB
V], 25[kHz] deviated by
400[Hz] sine wave at pin 56.
(2)Measure the amplitude at pin 4(vo#4 [Vp-p]).
(3)Increase the input signal frequency, measure the input signal
frequency at which the output amplitude at pin 4 turn to be -
3[dB] against “vo#4” (fpH(s)1[MHz])
(4)Decrease the input signal frequency, measure the input signal
frequency at which the output amplitude at pin 4 turn to be -
3[dB] against “vo#4” (fpL(s)1[MHz])
S9
Demodulation band
width of the FM
demodulator
/ fpH(s)2
/ fpL(s)2
SIF-Freq. : 5.5M
AUDIO ATT : 127
Others : Preset
(1)Input a signal that 5.5[MHz], 100[dB
V], 50[kHz] deviated by
400[Hz] sine wave at pin 56.
(2)Measure the amplitude at pin 4(vo#4 [Vp-p]).
(3)Increase the input signal frequency, measure the input signal
frequency at which the output amplitude at pin 4 turn to be -
3[dB] against “vo#4” (fpH(s)2[MHz])
(4)Decrease the input signal frequency, measure the input signal
frequency at which the output amplitude at pin 4 turn to be -
3[dB] against “vo#4” (fpL(s)2[MHz])
S10
Audio attenuater gain
/ G att max
/ G att mid
/ G att min
AUDIO-SW : 1
AUDIO ATT :
0/64/127
Others : Preset
(1) Input a 400[Hz], 927[mVrms] sine wave at pin 53.
(2) Set the “AUDIO ATT” data to “127”.
(3) Measure the amplitude at pin 4 (v#4max[mVrms]).
(4) G att max[dB] = 20log(v#4max/927)
(5) Set the “AUDIO ATT” data to “64”.
(6) Measure the amplitude at pin 4 (v#4mid[mVrms]).
(7) G att mid[dB] = 20log(v#4mid/927)
(8) Set the “AUDIO ATT” data to “0”.
(9) Measure the amplitude at pin 4 (v#4min[mVrms]).
(10) G att min[dB] = 20log(v#4min/927)
S11
Audio attenuater off-
set
/ Vos att
AUDIO-SW : 1
AUDIO ATT :
0/127
Other : Preset
(1) Connect pin 53 to GND through a 4.7[
F] capacitor.
(2) Set the “AUDIO ATT” data to “127”.
(3) Measure the DC voltage at pin 4 (V#4max[mV]).
(4) Set the “AUDIO ATT” data to “0”.
(5) Measure the DC voltage at pin 4 (V#4min[mV]).
(6) Vos[mV] = V#4min-V#4max


Similar Part No. - TB1254N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1251 TOSHIBA-TB1251 Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
logo
TAI-SAW TECHNOLOGY CO.,...
TB1251A TAI-SAW-TB1251A Datasheet
322Kb / 7P
   SAW Filter 125MHz 20MHz BW (SMD 7.0횞5.0 mm)
logo
Toshiba Semiconductor
TB1251CN TOSHIBA-TB1251CN Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
logo
TAI-SAW TECHNOLOGY CO.,...
TB1253A TAI-SAW-TB1253A Datasheet
349Kb / 7P
   SAW Filter 707.5MHz 17MHz BW (SMD 13.3횞6.5 mm)
TB1255A TAI-SAW-TB1255A Datasheet
349Kb / 7P
   SAW Filter 787.5MHz 21MHz BW (SMD 13.3횞6.5 mm)
More results

Similar Description - TB1254N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1238N TOSHIBA-TB1238N Datasheet
3Mb / 77P
   PAL/NTSC 1CHIP (IFVCD PROCESSOR) IC
TB1231N TOSHIBA-TB1231N Datasheet
1Mb / 76P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
1998-02-18
TB1238BN TOSHIBA-TB1238BN Datasheet
3Mb / 80P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
TB1231CN TOSHIBA-TB1231CN Datasheet
3Mb / 77P
   PAL/NTSC 1CHIP (IFVCD PROCESSOR) IC
TB1231AN TOSHIBA-TB1231AN Datasheet
2Mb / 76P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
TB1240AN TOSHIBA-TB1240AN Datasheet
2Mb / 85P
   PAL/NTSC 1CHIP (IF VCD RPOCESSOR) IC
TB1251CN TOSHIBA-TB1251CN Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
TB1246AN TOSHIBA-TB1246AN Datasheet
2Mb / 80P
   NTSC 1 CHIP (IF VCD PROCESSOR) IC
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com