Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC594 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC594
Description  8-bit shift register with output register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC594 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC594 Datasheet HTML 2Page - NXP Semiconductors 74HC594 Datasheet HTML 3Page - NXP Semiconductors 74HC594 Datasheet HTML 4Page - NXP Semiconductors 74HC594 Datasheet HTML 5Page - NXP Semiconductors 74HC594 Datasheet HTML 6Page - NXP Semiconductors 74HC594 Datasheet HTML 7Page - NXP Semiconductors 74HC594 Datasheet HTML 8Page - NXP Semiconductors 74HC594 Datasheet HTML 9Page - NXP Semiconductors 74HC594 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
December 1991
9
Philips Semiconductors
Product specification
8-bit shift register with output register
74HC/HCT594
AC WAVEFORMS
Fig.7
Waveforms showing the shift clock
(SHCP) to output (Q7’) propagation delays,
the shift clock pulse width and the maximum
shift clock frequency.
(1) HC: VM = 50%; VI = GND to VCC
HCT: VM = 1.3 V; VI = GND to 3 V
Fig.8
Waveforms showing the storage clock
(STCP) to output (Qn) propagation delays,
the storage clock pulse width, maximum
storage clock frequency and the shift clock
to storage clock set-up time.
(1) HC: VM = 50%; VI = GND to VCC
HCT: VM = 1.3 V; VI = GND to 3 V
VM
(1)
t W
1/ f max
VM
(1)
VM
(1)
t su
t PLH
Q
OUTPUTS
n
ST
INPUT
CP
SH
INPUT
CP
t PHL
MLA512
Fig.9
Waveforms showing the data set-up and
hold times for the Ds input.
(1) HC: VM = 50%; VI = GND to VCC
HCT: VM = 1.3 V; VI = GND to 3 V
Fig.10 Waveforms showing the set-up time from
shift reset (SHR) to storage clock (STCP).
(1) HC: VM = 50%; VI = GND to VCC
HCT: VM = 1.3 V; VI = GND to 3 V
handbook, halfpage
MBC326
VM
(1)
VM
(1)
t
VM
(1)
ST
INPUT
CP
Q
OUTPUTS
SH
INPUT
R
su
n


Similar Part No. - 74HC594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Diodes Incorporated
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Nexperia B.V. All right...
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594BQ NEXPERIA-74HC594BQ Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
More results

Similar Description - 74HC594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com