Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC590B1R Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC590B1R
Description  8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC590B1R Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC590B1R Datasheet HTML 1Page - STMicroelectronics M74HC590B1R Datasheet HTML 2Page - STMicroelectronics M74HC590B1R Datasheet HTML 3Page - STMicroelectronics M74HC590B1R Datasheet HTML 4Page - STMicroelectronics M74HC590B1R Datasheet HTML 5Page - STMicroelectronics M74HC590B1R Datasheet HTML 6Page - STMicroelectronics M74HC590B1R Datasheet HTML 7Page - STMicroelectronics M74HC590B1R Datasheet HTML 8Page - STMicroelectronics M74HC590B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
M74HC590
5/15
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Source Sink Current per Output PIN (RCO)
(QA - QH)
± 25
± 35
mA
ICC or IGND DC VCC or Ground Current
± 70
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0V
0 to 1000
ns
VCC = 4.5V
0 to 500
ns
VCC = 6.0V
0 to 400
ns


Similar Part No. - M74HC590B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC592 STMICROELECTRONICS-M74HC592 Datasheet
282Kb / 13P
   8 BIT REGISTER BINARY COUNTER
M74HC592 STMICROELECTRONICS-M74HC592 Datasheet
332Kb / 14P
   8 BIT REGISTER BINARY COUNTER
M74HC592B1R STMICROELECTRONICS-M74HC592B1R Datasheet
282Kb / 13P
   8 BIT REGISTER BINARY COUNTER
M74HC592B1R STMICROELECTRONICS-M74HC592B1R Datasheet
332Kb / 14P
   8 BIT REGISTER BINARY COUNTER
M74HC592C1R STMICROELECTRONICS-M74HC592C1R Datasheet
282Kb / 13P
   8 BIT REGISTER BINARY COUNTER
More results

Similar Description - M74HC590B1R

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
logo
NXP Semiconductors
74HC590 NXP-74HC590 Datasheet
543Kb / 21P
   8-bit binary counter with output register; 3-state
Rev. 02-28 April 2009
logo
STMicroelectronics
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
   RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
   8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC592 HITACHI-HD74HC592 Datasheet
62Kb / 9P
   8-bit Register/Binary Counter
logo
Renesas Technology Corp
HD74HC592 RENESAS-HD74HC592 Datasheet
107Kb / 9P
   8-bit Register/Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com