Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC4114 Datasheet(PDF) 6 Page - Texas Instruments

Part # GC4114
Description  QUAD TRANSMIT CHIP
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC4114 Datasheet(HTML) 6 Page - Texas Instruments

Back Button GC4114 Datasheet HTML 2Page - Texas Instruments GC4114 Datasheet HTML 3Page - Texas Instruments GC4114 Datasheet HTML 4Page - Texas Instruments GC4114 Datasheet HTML 5Page - Texas Instruments GC4114 Datasheet HTML 6Page - Texas Instruments GC4114 Datasheet HTML 7Page - Texas Instruments GC4114 Datasheet HTML 8Page - Texas Instruments GC4114 Datasheet HTML 9Page - Texas Instruments GC4114 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Texas Instruments Inc.
- 2 -
MAY 22, 2000
GC4114 QUAD TRANSMIT CHIP
DATA SHEET REV 1.0
This document contains information which may be changed at any time without notice
3.0
FUNCTIONAL DESCRIPTION
The GC4114 quad transmit chip contains four identical up-conversion circuits. Each up-convert circuit
accepts a real or complex signal, interpolates it by a programmable factor ranging from 32 to 65,536 (16 to 32,768
for single-sideband modulation), up-converts the signal to a selected center frequency, sums it with other
up-converted samples and outputs the combined signal. The chip contains a user programmable input filter which
can be used to shape the transmitted data, or can be used as a Nyquist transmit filter for digital data transmission.
See the application notes in Section 7.5 for details on using the chip to transmit QPSK or QAM data.
The up-converters are designed to maintain over 90 dB of spur free dynamic range and image rejection.
Each up-convert circuit accepts 16 bit inputs (bit serial) and produces 16 bit outputs. The up-converter outputs are
summed with an external 16 bit input to produce a single 16 bit output. The frequencies and phase offsets of the
four sine/cosine sequence generators can be independently specified, as can the gain of each circuit. The
up-converters share the same bandwidth, filter coefficients and input formats.
On chip diagnostic circuits are provided to simplify system debug and maintenance.
The chip receives configuration and control information over a microprocessor compatible bus consisting of
an 8 bit data I/O port, a 6 bit address port, a chip enable strobe, a read strobe and a write strobe. The chip’s 64
control registers (8 bits each) are memory mapped into the 6 bit address space of the control port.
3.1
CONTROL INTERFACE
The chip is configured by writing control information into sixty four control registers within the chip. The
contents of these control registers and how to use them are described in Section 5. The registers are written to or
read from using the C[0:7], A[0:5], CE, RD and WR pins. Each control register has been assigned a unique address
within the chip. This interface is designed to allow the GC4114 to appear to an external processor as a memory
mapped peripheral (the pin RD is equivalent to a memory chip’s OE pin).
An external processor (a microprocessor, computer, or DSP chip) can write into a register by setting A[0:5]
to the desired register address, selecting the chip using the CE pin, setting C[0:7] to the desired value and then
pulsing WR low. The data will be latched on the rising edge of WR or CE.
To read from a control register the processor must set A[0:5] to the desired address, select the chip with
the CE pin, and then set RD low. The chip will then drive C[0:7] with the contents of the selected register. After the
processor has read the value from C[0:7] it should set RD and CE high. The C[0:7] pins are turned off (high
impedance) whenever CE or RD are high or when WR is low. The chip will only drive these pins when both CE and
RD are low and WR is high.
One can also ground the RD pin and use the WR pin as a read/write direction control and use the CE pin
as a control I/O strobe.


Similar Part No. - GC4114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GC4116 ETC-GC4116 Datasheet
401Kb / 57P
   MULTI-STANDARD QUAD DUC CHIP
More results

Similar Description - GC4114

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM6M4022E TRIQUINT-TQM6M4022E Datasheet
286Kb / 1P
   3V Quad-Band GSM900 DCS Transmit Module
logo
RF Micro Devices
RF7115 RFMD-RF7115_1 Datasheet
754Kb / 22P
   QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF7115 RFMD-RF7115 Datasheet
572Kb / 22P
   QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334_06 Datasheet
135Kb / 5P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
February, 2006 ??Rev. 7
logo
TriQuint Semiconductor
TQM6M4003 TRIQUINT-TQM6M4003 Datasheet
165Kb / 1P
   3V Quad-Band GSM850/900 DCS/PCS Transmit Module
TQM6M4002 TRIQUINT-TQM6M4002 Datasheet
288Kb / 1P
   3V Quad-Band GSM850/900 DCS/PCS Transmit Module
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
logo
TriQuint Semiconductor
TQM6M4001 TRIQUINT-TQM6M4001 Datasheet
228Kb / 17P
   3V Quad-Band GSM850/900 DCS/PCS Transmit Module
TQM6M5001 TRIQUINT-TQM6M5001 Datasheet
54Kb / 1P
   3V Quad-Band GSM/EDGE 850/900 DCS/PCS Transmit Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com