Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4538DB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC4538DB
Description  Dual retriggerable precision monostable multivibrator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4538DB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC4538DB Datasheet HTML 5Page - NXP Semiconductors 74HC4538DB Datasheet HTML 6Page - NXP Semiconductors 74HC4538DB Datasheet HTML 7Page - NXP Semiconductors 74HC4538DB Datasheet HTML 8Page - NXP Semiconductors 74HC4538DB Datasheet HTML 9Page - NXP Semiconductors 74HC4538DB Datasheet HTML 10Page - NXP Semiconductors 74HC4538DB Datasheet HTML 11Page - NXP Semiconductors 74HC4538DB Datasheet HTML 12Page - NXP Semiconductors 74HC4538DB Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
September 1993
11
Philips Semiconductors
Product specification
Dual retriggerable precision monostable
multivibrator
74HC/HCT4538
Fig.11 Power-down protection circuit.
Power-down considerations
A large capacitor (CX) may cause problems when
powering-down the monostable due to the energy stored
in this capacitor. When a system containing this device is
powered-down or a rapid decrease of VCC to zero occurs,
the monostable may sustain damage, due to the capacitor
discharging through the input protection diodes. To avoid
this possibility, use a damping diode (DX) preferably a
germanium or Schottky type diode able to withstand large
current surges and connect as shown in Fig.11.
Fig.12 Typical pulse width accuracy versus external capacitance; VCC = 4.5 V; Tamb = 25 °C.
Fig.13 Typical pulse width accuracy versus external resistance; VCC = 4.5 V; Tamb = 25 °C.


Similar Part No. - 74HC4538DB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74HC4538D TOSHIBA-74HC4538D Datasheet
269Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-01-24 Rev.6.0
logo
Nexperia B.V. All right...
74HC4538D NEXPERIA-74HC4538D Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538D-Q100 NEXPERIA-74HC4538D-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
More results

Similar Description - 74HC4538DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC_HCT4538 PHILIPS-74HC_HCT4538_15 Datasheet
150Kb / 24P
   Dual retriggerable precision monostable multivibrator
Rev. 03-8 June 2009
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com