Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1100A4IDBVT Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1100A4IDBVT
Description  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1100A4IDBVT Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS1100A4IDBVT Datasheet HTML 4Page - Burr-Brown (TI) ADS1100A4IDBVT Datasheet HTML 5Page - Burr-Brown (TI) ADS1100A4IDBVT Datasheet HTML 6Page - Burr-Brown (TI) ADS1100A4IDBVT Datasheet HTML 7Page - Burr-Brown (TI) ADS1100A4IDBVT Datasheet HTML 8Page - Burr-Brown (TI) ADS1100A4IDBVT Datasheet HTML 9Page - Burr-Brown (TI) ADS1100A4IDBVT Datasheet HTML 10Page - Burr-Brown (TI) ADS1100A4IDBVT Datasheet HTML 11Page - Burr-Brown (TI) ADS1100A4IDBVT Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ADS1100
8
SBAS239B
www.ti.com
Communication on the I2C bus always takes place between
two devices, one acting as the master and the other acting
as the slave. Both masters and slaves can read and write,
but slaves can only do so under the direction of the master.
Some I2C devices can act as masters or slaves, but the
ADS1100 can only act as a slave device.
An I2C bus consists of two lines, SDA and SCL. SDA carries
data; SCL provides the clock. All data is transmitted across
the I2C bus in groups of eight bits. To send a bit on the I2C
bus, the SDA line is driven to the bit’s level while SCL is LOW
(a LOW on SDA indicates the bit is zero; a HIGH indicates
the bit is one). Once the SDA line has settled, the SCL line
is brought HIGH, then LOW. This pulse on SCL clocks the
SDA bit into the receiver’s shift register.
The I2C bus is bidirectional: the SDA line is used both for
transmitting and receiving data. When a master reads from
a slave, the slave drives the data line; when a master sends
to a slave, the master drives the data line. The master always
drives the clock line. The ADS1100 never drives SCL,
because it cannot act as a master. On the ADS1100, SCL is
an input only.
Most of the time the bus is idle, no communication is taking
place, and both lines are HIGH. When communication is
taking place, the bus is active. Only master devices can start
a communication. They do this by causing a start condition
on the bus. Normally, the data line is only allowed to change
state while the clock line is LOW. If the data line changes
state while the clock line is HIGH, it is either a start condition
or its counterpart, a stop condition. A start condition is when
the clock line is HIGH and the data line goes from HIGH to
LOW. A stop condition is when the clock line is HIGH and the
data line goes from LOW to HIGH.
After the master issues a start condition, it sends a byte that
indicates which slave device it wants to communicate with.
This byte is called the address byte. Each device on an I2C
bus has a unique 7-bit address to which it responds. (Slaves
can also have 10-bit addresses; see the I2C specification for
details.) The master sends an address in the address byte,
together with a bit that indicates whether it wishes to read
from or write to the slave device.
Every byte transmitted on the I2C bus, whether it be address
or data, is acknowledged with an acknowledge bit. When a
master has finished sending a byte, eight data bits, to a
slave, it stops driving SDA and waits for the slave to acknowl-
edge the byte. The slave acknowledges the byte by pulling
SDA LOW. The master then sends a clock pulse to clock the
acknowledge bit. Similarly, when a master has finished
reading a byte, it pulls SDA LOW to acknowledge this to the
slave. It then sends a clock pulse to clock the bit. (Remember
that the master always drives the clock line.)
A not-acknowledge is performed by simply leaving SDA
HIGH during an acknowledge cycle. If a device is not present
on the bus, and the master attempts to address it, it will
receive a not-acknowledge because no device is present at
that address to pull the line LOW.
When a master has finished communicating with a slave, it
may issue a stop condition. When a stop condition is issued,
the bus becomes idle again. A master may also issue
another start condition. When a start condition is issued while
the bus is active, it is called a repeated start condition.
A timing diagram for an ADS1100 I2C transaction is shown in
Figure 1. Table III gives the parameters for this diagram.
ADS1100 I2C ADDRESSES
The ADS1100 I2C address is 1001aaa, where “aaa” are bits
set at the factory. The ADS1100 is available in eight different
verisons, each having a different I2C address. For example,
the ADS1100A0 has address 1001000, and the ADS1100A3
has address 1001011. See the Package/Ordering Informa-
tion table for a complete listing.
The I2C address is the only difference between the eight
variants. In all other repsects, they operate identically.
Each variant of the ADS1100 is marked with “ADx,” where x
identifies the address variant. For example, the ADS1100A0 is
marked “AD0”, and the ADS1100A3 is marked “AD3”. See the
Package/Ordering Information table for a complete listing.
When the ADS1100 was first introduced, it was shipped with
only one address, 1001000, and was marked “BAAI.” That
device is identical to the currently shipping ADS1100A0
variant marked “AD0”.
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
PS
S
P
FIGURE 1. I2C Timing Diagram.


Similar Part No. - ADS1100A4IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1100A4IDBVT TI1-ADS1100A4IDBVT Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
ADS1100A4IDBVT TI1-ADS1100A4IDBVT Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A4IDBVT TI1-ADS1100A4IDBVT Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A4IDBVTG4 TI1-ADS1100A4IDBVTG4 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A4IDBVTG4 TI1-ADS1100A4IDBVTG4 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1100A4IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com