Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0803-6500-03 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0803-6500-03
Description  Slim Line Hybrid for PMC Sierra
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0803-6500-03 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0803-6500-03 Datasheet HTML 1Page - Bel Fuse Inc. 0803-6500-03 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2004 Bel Fuse Inc. Specifications subject to change without notice. 05..26.04
Page 1
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax 201-432-9542
www.belfuse.com
EUROPE
Bel Stewart Connector
45/46 Riverside
Medway City Estate
Rochester, Kent ME2 4DP U.K.
Tel 44-1634-722890
Fax 44-1634-716677
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel 852-2328-5515
Fax 852-2352-3706
www.belfuse.com
©2004 Bel Fuse Inc. Specifications subject to change without notice. 05.26.04
Page 2
“Slim Line” Hybrid for PMC Sierra
0803-6500-03
SCHEMATIC
FEATURES
Supports PMC Sierra PM4351 and PMC4354 chipset for T1/E1 long and short haul applications,
Minimum board space requirement - ideal for multiple interface line cards
Protection circuit designed to meet Telcordia GR1089
Designed to meet supplementary isolation 1500V, working voltage 250V of UL60950


Similar Part No. - 0803-6500-03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-6500-01 BEL-0803-6500-01 Datasheet
79Kb / 2P
   Slim Line Hybrid for PMC Sierra
0803-6500-04 BEL-0803-6500-04 Datasheet
82Kb / 2P
   Slim Line Hybrid for IDT
0803-6500-07 BEL-0803-6500-07 Datasheet
79Kb / 2P
   Slim Line Hybrid for PMC Sierra
More results

Similar Description - 0803-6500-03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-6500-07 BEL-0803-6500-07 Datasheet
79Kb / 2P
   Slim Line Hybrid for PMC Sierra
0803-6500-01 BEL-0803-6500-01 Datasheet
79Kb / 2P
   Slim Line Hybrid for PMC Sierra
APC822XX BEL-APC822XX Datasheet
95Kb / 2P
   T1/E1 Slim Line Hybrids for PMC Sierra
0803-6500-04 BEL-0803-6500-04 Datasheet
82Kb / 2P
   Slim Line Hybrid for IDT
0803-6500-20 BEL-0803-6500-20 Datasheet
324Kb / 2P
   Slim Line Hybrid for Infineon
APC82235 BEL-APC82235 Datasheet
137Kb / 2P
   Slim Line Hybrid for Dallas E1
APC82247S BEL-APC82247S Datasheet
292Kb / 2P
   T1/E1/J1 SMD Line Interface Hybrid for PMC Octal LIU
APC82238 BEL-APC82238 Datasheet
119Kb / 2P
   Slim Line Hybrid for Infineon T1/E1/J1 ICs
logo
Switchcraft, Inc.
SL403F SWITCH-SL403F Datasheet
20Kb / 1P
   SLIM-LINE CONNECTORS
logo
List of Unclassifed Man...
XE0052S ETC1-XE0052S Datasheet
32Kb / 7P
   Slim V.34 Telephone Line Interface with 2/4 Wire Hybrid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com