Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW52NK25Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW52NK25Z
Description  N-CHANNEL 250V - 0.033??- 52A TO-247 Zener-Protected SuperMESH??MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW52NK25Z Datasheet(HTML) 4 Page - STMicroelectronics

  STW52NK25Z Datasheet HTML 1Page - STMicroelectronics STW52NK25Z Datasheet HTML 2Page - STMicroelectronics STW52NK25Z Datasheet HTML 3Page - STMicroelectronics STW52NK25Z Datasheet HTML 4Page - STMicroelectronics STW52NK25Z Datasheet HTML 5Page - STMicroelectronics STW52NK25Z Datasheet HTML 6Page - STMicroelectronics STW52NK25Z Datasheet HTML 7Page - STMicroelectronics STW52NK25Z Datasheet HTML 8Page - STMicroelectronics STW52NK25Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STW52NK25Z
4/10
Figure 3: Safe Operating Area
Figure 4: Output Characteristics
Figure 5: Transconductance
Figure 6: Thermal Impedance
Figure 7: Transfer Characteristics
Figure 8: Static Drain-source On Resistance


Similar Part No. - STW52NK25Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5200 STMICROELECTRONICS-STW5200 Datasheet
95Kb / 3P
   24-bit, 103 dB SNR audio DAC
STW5200 STMICROELECTRONICS-STW5200 Datasheet
123Kb / 4P
   24-bit, 103 dB SNR audio DAC
STW52000K/HF STMICROELECTRONICS-STW52000K/HF Datasheet
123Kb / 4P
   24-bit, 103 dB SNR audio DAC
STW52000KHF STMICROELECTRONICS-STW52000KHF Datasheet
95Kb / 3P
   24-bit, 103 dB SNR audio DAC
STW52000KT/HF STMICROELECTRONICS-STW52000KT/HF Datasheet
123Kb / 4P
   24-bit, 103 dB SNR audio DAC
More results

Similar Description - STW52NK25Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
   N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
   N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
STW54NK30Z STMICROELECTRONICS-STW54NK30Z Datasheet
267Kb / 10P
   N-CHANNEL 300V - 0.052??- 54A TO-247 Zener-Protected SuperMESH??MOSFET
STW18NK80Z STMICROELECTRONICS-STW18NK80Z Datasheet
309Kb / 9P
   N-CHANNEL 800V - 0.34??- 19A TO-247 Zener-Protected SuperMESH?줡ower MOSFET
July 2003
STW28NK60Z STMICROELECTRONICS-STW28NK60Z Datasheet
224Kb / 10P
   N-CHANNEL 600 V - 0.155??- 27A TO-247 Zener-Protected SuperMESH MOSFET
STW12NK80Z STMICROELECTRONICS-STW12NK80Z Datasheet
299Kb / 9P
   N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW29NK50Z STMICROELECTRONICS-STW29NK50Z Datasheet
487Kb / 10P
   N-CHANNEL 500 V - 0.105ohm - 31A TO-247 Zener-Protected SuperMESH MOSFET
STW13NK80Z STMICROELECTRONICS-STW13NK80Z Datasheet
310Kb / 9P
   N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
   N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
STW12NK90Z STMICROELECTRONICS-STW12NK90Z Datasheet
267Kb / 14P
   N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com