Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S555-5999-28 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S555-5999-28
Description  COMMON MODE CHOKES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S555-5999-28 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S555-5999-28 Datasheet HTML 1Page - Bel Fuse Inc. S555-5999-28 Datasheet HTML 2Page - Bel Fuse Inc. S555-5999-28 Datasheet HTML 3Page - Bel Fuse Inc. S555-5999-28 Datasheet HTML 4Page - Bel Fuse Inc. S555-5999-28 Datasheet HTML 5Page - Bel Fuse Inc. S555-5999-28 Datasheet HTML 6Page - Bel Fuse Inc. S555-5999-28 Datasheet HTML 7Page - Bel Fuse Inc. S555-5999-28 Datasheet HTML 8Page - Bel Fuse Inc. S555-5999-28 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
defining a degree of excellence
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: BelFuse@belfuse.com
Website: http://www.belfuse.com
Specifications subject to change without notice.
ELECTRICALS AT 25ºC
No. of
OCL
Common Mode Attenuation
DCR
Signal
Lp (µH)
(dB) Typical
(ohms)
Package
Part No.
Lines (1)
Min
300KHz
1MHz
10MHz
30MHz
50MHz
100MHz 300MHz
500MHz
Max
Schematic
Style
• Designed to reduce EMI and filter common mode noise
• Multiple signal lines and packaging options available
• Custom designs available
• Operational frequencies from 100KHz to over 500MHz
1. Number of wires on choke multiplied by the number of chokes in the package.
• 500 Vrms minimum isolation
• Application note available describing how to reduce
affects of common mode noise and to effectively
implement common mode chokes
0553-3965-00
2x1
80
-13
-21
-28
-28
-26
-24
-18
-12
0.10
J
11
0553-3965-08
2x1
140
-15
-25
-40
-45
-43
-36
-22
-20
0.80
J
11
0553-3965-09
2x1
140
-15
-25
-40
-45
-43
-36
-22
-20
0.80
J
11
0553-5841-01
2x2
140
-15
-25
-40
-45
-43
-36
-22
-20
0.50
A
1
0555-3001-08
2x2
120
-16
-26
-38
-44
-42
-38
-18
-16
0.80
E
1
0555-5999-04
4x1
35
-5
-12
-26
-31
-32
-29
-13
-12
0.50
D
2
0555-5999-13
2x1
140
-15
-25
-40
-45
-43
-36
-22
-20
0.50
J
11
0555-5999-16
2x1
18
-7
-15
-28
-31
-30
-24
-12
-6
0.16
J
11
A555-0139-01
2x2
80
-15
-22
-37
-42
-39
-32
-18
-12
0.30
E
5
A555-1006-AF
2x4
80
-12
-21
-30
-29
-28
-25
-18
-10
0.25
B
4
A555-3536-01
4x1
18
-5
-10
-24
-29
-31
-29
-14
-11
0.25
D
5
A555-5999-20
4x2
68
-9
-15
-26
-28
-28
-27
-18
-10
0.20
K
4
A555-5999-21
4x1
68
-9
-15
-26
-28
-28
-27
-18
-10
0.20
D
5
A555-5999-25
4x1
24
-6
-16
-28
-32
-34
-31
-20
-12
0.35
D
5
S555-0139-01
2x2
80
-15
-22
-37
-42
-39
-32
-18
-12
0.30
E
3
S555-0379-00
4x1
68
-12
-20
-29
-28
-27
-25
-18
-11
0.30
D
6
S555-2940-00
2x3
80
-12
-19
-26
-27
-27
-25
-18
-10
0.20
I
9
S555-5999-02
2x2
140
-15
-25
-40
-45
-43
-36
-22
-20
0.80
E
7
S555-5999-03
4x1
30
-6
-16
-28
-32
-34
-31
-20
-12
0.50
D
3
S555-5999-04
2x1
86
-13
-20
-28
-27
-26
-23
-12
-5
0.15
H
8
S555-5999-09
2x2
86
-12
-20
-29
-28
-27
-25
-18
-11
0.15
C
9
S555-5999-15
2x2
38
-4
-9
-22
-28
-30
-28
-12
-12
0.50
E
12
S555-5999-22
4x2
36
-9
-15
-26
-28
-28
-27
-18
-10
0.35
B
9
S555-5999-23
2x1
36
-7
-15
-28
-31
-30
-24
-12
-6
0.35
H
8
S555-5999-26
2x2
30
-4
-9
-22
-28
-30
-28
-12
-12
0.50
G
9
S555-5999-27
2x1
42
-7
-15
-28
-31
-30
-24
-12
-6
0.35
F
7
S555-5999-28
2x2
140
-15
-25
-40
-45
-43
-36
-22
-20
0.80
C
10
S558-5999-08
2x2
110
-8
-19
-32
-36
-37
-35
-23
-13
0.80
C
9
COMMONMODECHOKES
960046A


Similar Part No. - S555-5999-28

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S555-5999-02 BEL-S555-5999-02 Datasheet
157Kb / 10P
   COMMON MODE CHOKES For LAN and Telecom Applications
S555-5999-08 BEL-S555-5999-08 Datasheet
157Kb / 10P
   COMMON MODE CHOKES For LAN and Telecom Applications
S555-5999-15 BEL-S555-5999-15 Datasheet
157Kb / 10P
   COMMON MODE CHOKES For LAN and Telecom Applications
S555-5999-39 BEL-S555-5999-39 Datasheet
157Kb / 10P
   COMMON MODE CHOKES For LAN and Telecom Applications
S555-5999-40 BEL-S555-5999-40 Datasheet
157Kb / 10P
   COMMON MODE CHOKES For LAN and Telecom Applications
More results

Similar Description - S555-5999-28

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com