Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1667IG Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1667IG
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1667IG Datasheet(HTML) 4 Page - Linear Technology

  LTC1667IG Datasheet HTML 1Page - Linear Technology LTC1667IG Datasheet HTML 2Page - Linear Technology LTC1667IG Datasheet HTML 3Page - Linear Technology LTC1667IG Datasheet HTML 4Page - Linear Technology LTC1667IG Datasheet HTML 5Page - Linear Technology LTC1667IG Datasheet HTML 6Page - Linear Technology LTC1667IG Datasheet HTML 7Page - Linear Technology LTC1667IG Datasheet HTML 8Page - Linear Technology LTC1667IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1666/LTC1667/LTC1668
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 5V, VSS = – 5V, LADCOM = AGND = DGND = 0V, IOUTFS = 10mA.
ELECTRICAL CHARACTERISTICS
LTC1666/LTC1667/LTC1668
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Output
IOUTFS
Full-Scale Output Current
q
110
mA
Output Compliance Range
IFS = 10mA
q
–1
1
V
Output Resistance; RIOUT A, RIOUT B
IOUT A, B to LADCOM
q
0.7
1.1
1.5
k
Output Capacitance
5pF
Reference Output
Reference Voltage
REFOUT Tied to IREFIN Through 2kΩ
2.475
2.5
2.525
V
Reference Output Drift
25
ppm/
°C
Reference Output Load Regulation
ILOAD = 0mA to 5mA
6
mV/mA
Reference Input
Reference Small-Signal Bandwidth
IFS = 10mA, CCOMP1 = 0.1µF
20
kHz
Power Supply
VDD
Positive Supply Voltage
q
4.75
5
5.25
V
VSS
Negative Supply Voltage
q
–4.75
–5
–5.25
V
IDD
Positive Supply Current
IFS = 10mA, fCLK = 25Msps, fOUT = 1MHz
q
35
mA
ISS
Negative Supply Current
IFS = 10mA, fCLK = 25Msps, fOUT = 1MHz
q
33
40
mA
PDIS
Power Dissipation
IFS = 10mA, fCLK = 25Msps, fOUT = 1MHz
180
mW
IFS = 1mA, fCLK = 25Msps, fOUT = 1MHz
85
mW
Dynamic Performance (Differential Transformer Coupled Output, 50
Ω Double Terminated, Unless Otherwise Noted)
fCLOCK
Maximum Update Rate
q
50
75
Msps
tS
Output Settling Time
To 0.1% FSR
20
ns
tPD
Output Propagation Delay
8ns
Glitch Impulse
Single Ended
15
pV-s
Differential
5
pV-s
tr
Output Rise Time
4ns
tf
Output Fall Time
4ns
iNO
Output Noise
50
pA/
√Hz
Digital Inputs
VIH
Digital High Input Voltage
q
2.4
V
VIL
Digital Low Input Voltage
q
0.8
V
IIN
Digital Input Current
q
±10
µA
CIN
Digital Input Capacitance
5pF
tDS
Input Setup Time
q
8ns
tDH
Input Hold Time
q
4ns
tCLKH
Clock High Time
q
5ns
tCLKL
Clock Low Time
q
8ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: For the LTC1666,
±1LSB = ±0.024% of full scale;
for the LTC1667,
±1LSB = ±0.006% of full scale = ±61ppm of full scale;
for the LTC1668,
±1LSB = ±0.0015% of full scale = ±15.3ppm of full scale.


Similar Part No. - LTC1667IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1667 LINER-LTC1667 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1667 LINER-LTC1667 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1667 LINER-LTC1667 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results

Similar Description - LTC1667IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC1744 LINER-LTC1744_15 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC1668 LINER-LTC1668 Datasheet
728Kb / 16P
   16-Bit, 50Msps DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com