Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9179EUE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9179EUE
Description  Quad LVDS Receiver with Hysteresis
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9179EUE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9179EUE Datasheet HTML 1Page - Maxim Integrated Products MAX9179EUE Datasheet HTML 2Page - Maxim Integrated Products MAX9179EUE Datasheet HTML 3Page - Maxim Integrated Products MAX9179EUE Datasheet HTML 4Page - Maxim Integrated Products MAX9179EUE Datasheet HTML 5Page - Maxim Integrated Products MAX9179EUE Datasheet HTML 6Page - Maxim Integrated Products MAX9179EUE Datasheet HTML 7Page - Maxim Integrated Products MAX9179EUE Datasheet HTML 8Page - Maxim Integrated Products MAX9179EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Quad LVDS Receiver with Hysteresis
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, differential input voltage |VID| = 0.075V to 1.2V, input common-mode voltage VCM = |VID/2| to 2.4V - |VID/2|,
TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.3V, |VID| = 0.2V, VCM = 1.2V, TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.0V
IN_+, IN_- to GND .................................................-0.3V to +4.0V
EN, EN to GND ...........................................-1.4V to (VCC + 1.4V)
OUT_ to GND .............................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP (derate 9.4mW/°C above +70°C) .........755mW
16-Pin Thin QFN (derate 16.9mW/°C
above +70°C).............................................................1349mW
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
ESD Protection
Human Body Model (RD = 1.5k
Ω, CS = 100pF)
(IN_+, IN_-) ................................................................±16kV
IEC61000-4-2 (RD = 330
Ω, CS = 150pF) (IN_+, IN_-)
Contact Discharge .......................................................±8kV
Air-Gap Discharge .....................................................±15kV
Soldering Temperature (soldering, 10s) ..........................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS (IN_+, IN_-)
Differential Input High Threshold
VTH
Figure 1
25
75
mV
Differential Input Low Threshold
VTL
Figure 1
-75
-25
mV
Hysteresis
VTH - VTL
Figure 1
50
mV
Input Current
IIN+, IIN-
-20
+20
µA
Power-Off Input Current
IOFF+,
IOFF-
VCC = 0V
-20
+20
µA
Fail-Safe Input Resistor 1
RIN1
VCC = 3.6V or 0V, Figure 2
40
65
k
Fail-Safe Input Resistor 2
RIN2
VCC = 3.6V or 0V, Figure 2
280
455
k
OUTPUTS (OUT_)
Open, undriven short, or
undriven parallel
termination
Output High Voltage
VOH
IOH = -4.0mA
VID = +50mV
VCC -
0.2
VCC -
0.1
V
Output Low Voltage
VOL
IOL = 4.0mA, VID = -50mV
0.1
0.25
V
Output Short-Circuit Current
IOS
Enabled, VID = +50mV, VOUT = 0 (Note 3)
-40
-70
-120
mA
Output High-Impedance Current
IOZ
Disabled, VOUT = 0 or VCC
-1.0
+1.0
µA
ENABLE INPUTS (EN,
EN)
Input High Voltage
VIH
2.0
VCC +
1.0
V
Input Low Voltage
VIL
-1.0
+0.8
V
-1.0V
≤ EN, EN ≤ 0V
-1800
+10
0V
≤ EN, EN ≤ VCC
-20
+20
Input Current
IIN
VCC
≤ EN, EN ≤ VCC + 1.0V
-10
+1800
µA
POWER SUPPLY
Supply Current
ICC
Enabled, inputs open
10.4
15
Disabled Supply Current
ICCZ
Disabled, inputs open
0.6
1.0
mA


Similar Part No. - MAX9179EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX917 MAXIM-MAX917 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9170ESE MAXIM-MAX9170ESE Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
MAX9170EUE MAXIM-MAX9170EUE Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
More results

Similar Description - MAX9179EUE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3437 MOTOROLA-MC3437 Datasheet
145Kb / 3P
   HEX BUS RECEIVER WITH INPUT HYSTERESIS
logo
Texas Instruments
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
STMicroelectronics
RHFLVDS325 STMICROELECTRONICS-RHFLVDS325 Datasheet
312Kb / 15P
   Rad-hard quad LVDS receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com