Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4353 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT4353
Description  Triple 2-channel analog multiplexer/demultiplexer with latch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4353 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT4353 Datasheet HTML 5Page - NXP Semiconductors 74HCT4353 Datasheet HTML 6Page - NXP Semiconductors 74HCT4353 Datasheet HTML 7Page - NXP Semiconductors 74HCT4353 Datasheet HTML 8Page - NXP Semiconductors 74HCT4353 Datasheet HTML 9Page - NXP Semiconductors 74HCT4353 Datasheet HTML 10Page - NXP Semiconductors 74HCT4353 Datasheet HTML 11Page - NXP Semiconductors 74HCT4353 Datasheet HTML 12Page - NXP Semiconductors 74HCT4353 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
December 1990
9
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer with latch
74HC/HCT4353
DC CHARACTERISTICS FOR 74HCT
Voltages are referenced to GND (ground = 0 V)
Note to HCT types
1. The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given here.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VEE
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min. typ. max. min.
max.
min.
max.
VIH
HIGH level input
voltage
2.0
1.6
2.0
2.0
V
4.5
to
5.5
VIL
LOW level input
voltage
1.2
0.8
0.8
0.8
V
4.5
to
5.5
±I
I
input leakage
current
0.1
1.0
1.0
µA
5.5
0
VCC
or
GND
±IS
analog switch
OFF-state
current per
channel
0.1
1.0
1.0
µA
10.0
0VIH
or
VIL
VS =
VCC − VEE
Fig.10
±I
S
analog switch
OFF-state current
all channels
0.1
1.0
1.0
µA
10.0
0VIH
or
VIL
VS =
VCC − VEE
Fig.10
±I
S
analog switch
ON-state current
0.1
1.0
1.0
µA
10.0
0VIH
or
VIL
VS =
VCC − VEE
Fig.11
ICC
quiescent supply
current
8.0
16.0
80.0
160.0
160.0
320.0
µA
5.5
5.0
0
−5.0
VCC
or
GND
Vis =VEE
or VCC;
Vos =
VCC or VEE
∆ICC
additional
quiescent supply
current per input
pin for unit load
coefficient is 1
(note 1)
100 360
450
490
µA
4.5
to
5.5
0
VCC
−2.1
V
other
inputs at
VCC or
GND
INPUT
UNIT LOAD COEFFICIENT
E1,E2
Sn
LE
0.50
0.50
1.5


Similar Part No. - 74HCT4353

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4351 PHILIPS-74HCT4351 Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HCT4351 NXP-74HCT4351 Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
NXP Semiconductors
74HCT4351D PHILIPS-74HCT4351D Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351D NEXPERIA-74HCT4351D Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
More results

Similar Description - 74HCT4353

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com