Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT54LVDS032LV-UCX Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT54LVDS032LV-UCX
Description  Low Voltage Quad Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54LVDS032LV-UCX Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT54LVDS032LV-UCX Datasheet HTML 3Page - Aeroflex Circuit Technology UT54LVDS032LV-UCX Datasheet HTML 4Page - Aeroflex Circuit Technology UT54LVDS032LV-UCX Datasheet HTML 5Page - Aeroflex Circuit Technology UT54LVDS032LV-UCX Datasheet HTML 6Page - Aeroflex Circuit Technology UT54LVDS032LV-UCX Datasheet HTML 7Page - Aeroflex Circuit Technology UT54LVDS032LV-UCX Datasheet HTML 8Page - Aeroflex Circuit Technology UT54LVDS032LV-UCX Datasheet HTML 9Page - Aeroflex Circuit Technology UT54LVDS032LV-UCX Datasheet HTML 10Page - Aeroflex Circuit Technology UT54LVDS032LV-UCX Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
R
RIN+
R OUT
Receiver Enabled
Generator
50
Figure 4. Receiver Propagation Delay and Transition Time Test Circuit or Equivalent Circuit
RIN-
50
10pF
RIN-
RIN+
R OUT
tPHLD
VOL
VOH
+1.1V
50%
+1.2V
tTHL
20%
80%
50%
20%
80%
tTLH
0V Differential
Figure 5. Receiver Propagation Delay and Transition Time Waveforms
tPLHD
VID = 200mV
+1.3V


Similar Part No. - UT54LVDS032LV-UCX

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54LVDS032-UCA AEROFLEX-UT54LVDS032-UCA Datasheet
78Kb / 11P
   Quad Receiver
UT54LVDS032-UCC AEROFLEX-UT54LVDS032-UCC Datasheet
78Kb / 11P
   Quad Receiver
UT54LVDS032-UCX AEROFLEX-UT54LVDS032-UCX Datasheet
78Kb / 11P
   Quad Receiver
UT54LVDS032-UCXA AEROFLEX-UT54LVDS032-UCXA Datasheet
78Kb / 11P
   Quad Receiver
UT54LVDS032-UCXC AEROFLEX-UT54LVDS032-UCXC Datasheet
78Kb / 11P
   Quad Receiver
More results

Similar Description - UT54LVDS032LV-UCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17 Datasheet
108Kb / 3P
   Low-Voltage Quad Differential Receiver
1996 REV 2
logo
Aeroflex Circuit Techno...
UT54LVDSC032 AEROFLEX-UT54LVDSC032 Datasheet
78Kb / 11P
   Quad Receiver
logo
Intersil Corporation
HIN14C89E INTERSIL-HIN14C89E Datasheet
86Kb / 4P
   Low Power Quad RS-232 Receiver
HIN14C89E INTERSIL-HIN14C89E_01 Datasheet
458Kb / 1P
   Low Power Quad RS-232 Receiver
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
   Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
   Quad IF Receiver
REV. 0
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Texas Instruments
DS14C89A TI1-DS14C89A_19 Datasheet
770Kb / 13P
[Old version datasheet]   Quad CMOS Receiver
DS14C89A TI1-DS14C89A_15 Datasheet
236Kb / 11P
[Old version datasheet]   Quad CMOS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com