Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

07QB-C5T05L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 07QB-C5T05L
Description  ISOLATED DC/DC CONVERTERS 48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07QB-C5T05L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  07QB-C5T05L Datasheet HTML 1Page - Bel Fuse Inc. 07QB-C5T05L Datasheet HTML 2Page - Bel Fuse Inc. 07QB-C5T05L Datasheet HTML 3Page - Bel Fuse Inc. 07QB-C5T05L Datasheet HTML 4Page - Bel Fuse Inc. 07QB-C5T05L Datasheet HTML 5Page - Bel Fuse Inc. 07QB-C5T05L Datasheet HTML 6Page - Bel Fuse Inc. 07QB-C5T05L Datasheet HTML 7Page - Bel Fuse Inc. 07QB-C5T05L Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Output Current
VO=12V
VO=5.0V
VO=3.3V
VO=1.2V-2.5V
0A
0A
0A
0A
-
-
-
-
12A
30A
45A
50A
Current Limit Threshold
VO=12V
VO=5.0V
VO=3.3V
VO=1.2V-2.5V
14A
36A
55A
58A
15.5A
43A
62A
63A
18A
50A
70A
70A
Short Circuit Surge Transient
-
3A
2s
5A
2s
Ripple and Noise (RMS)
VO=12V
VO=5.0V
VO=3.3V
VO=1.2V-2.5V
-
-
-
-
30mV
25mV
20mV
15mV
50mV
50mV
40mV
30mV
Ripple and Noise (pk-pk)
VO=12V
VO=5.0V
VO=3.3V
VO=1.2V-2.5V
-
-
-
-
100mV
100mV
55mV
40mV
150mV
150mV
100mV
80mV
Test conditions:
0-20MHz BW, with a
1uF ceramic capacitor
and a 10uF Tantalum
capacitor at the output.
Turn on Time
20mS
-
100mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
VO=12.0V
VO=5.0V
VO=1.2V-3.3V
0uF
0uF
0uF
-
-
-
2200uF
10000uF
20000uF
Transient Response
Overshoot
-
600mV
800mV
50% ~ 75%
Max Load
Settling Time
-
200uS
300uS
Overshoot
-
600mV
800mV
75% ~ 50%
Max Load
Settling Time
VO=12.0V
-
200uS
300uS
Overshoot
-
150mV
300mV
50% ~ 75%
Max Load
Settling Time
-
200uS
300uS
Overshoot
-
150mV
300mV
75% ~ 50%
Max Load
Settling Time
VO=5.0V
-
200uS
300uS
Overshoot
-
100mV
200mV
50% ~ 75%
Max Load
Settling Time
-
200uS
300uS
Overshoot
-
100mV
200mV
75% ~ 50%
Max Load
Settling Time
VO=1.2V-3.3V
-
200uS
300uS
Test conditions: di/dt =
0.1A/uS, Vin=48V, with
a 1uF ceramic
capacitor and a 10uF
Tantalum capacitor at
the output.
Note:
All specifications are typical at nominal input, full load at 25
°C unless noted.


Similar Description - 07QB-C5T05L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
07CY-60T BEL-07CY-60T Datasheet
192Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
07HB-D0T BEL-07HB-D0T Datasheet
134Kb / 5P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
VRPD-15C BEL-VRPD-15C Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com