Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

07QB-C5T12L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 07QB-C5T12L
Description  ISOLATED DC/DC CONVERTERS 48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07QB-C5T12L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  07QB-C5T12L Datasheet HTML 1Page - Bel Fuse Inc. 07QB-C5T12L Datasheet HTML 2Page - Bel Fuse Inc. 07QB-C5T12L Datasheet HTML 3Page - Bel Fuse Inc. 07QB-C5T12L Datasheet HTML 4Page - Bel Fuse Inc. 07QB-C5T12L Datasheet HTML 5Page - Bel Fuse Inc. 07QB-C5T12L Datasheet HTML 6Page - Bel Fuse Inc. 07QB-C5T12L Datasheet HTML 7Page - Bel Fuse Inc. 07QB-C5T12L Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 12V/12A, 3.3V/45A, 5V/30A, 1.2V-2.5V/50A Outputs
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
36V
48V
75V
Input Current (full load)
VO=12V
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
-
-
-
-
-
-
-
-
-
-
-
-
-
-
4.5A
4.9A
4.9A
4.1A
3.0A
2.6A
2.1A
Input Current (no load)
-
120mA
180mA
Remote Off Input Current
10mA
15mA
Input Reflected Ripple Current (pk-pk)
-
10mA
20mA
Input Reflected Ripple Current (RMS)
-
3mA
8mA
Tested with simulated source impedance
of 10uH, 5Hz to 20MHz; use a
100uF/100V electrolytic capacitor with
ESR = 1 ohm max. at 200KHz at 25
°C.
I
2t Inrush Current Transient
-
0.05A
2s0.1A2s
Turn-on Voltage Threshold
32V
34V
35V
Turn-off Voltage Threshold
30V
32V
34V
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=12V
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
11.820V
4.925V
3.250V
2.463V
1.773V
1.477V
1.182V
12V
5V
3.3V
2.5V
1.8V
1.5V
1.2V
12.180V
5.075V
3.350V
2.538V
1.827V
1.523V
1.218V
Vin=48V, Io=50% full
load
Line Regulation
VO=12V
VO=5.0V
VO=3.3V
VO=1.2V-2.5V
-
-
-
-
±12mV
±5mV
±3mV
±3mV
±24mV
±10mV
±7mV
±6mV
Load Regulation
VO=12V
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
-
-
-
-
-
-
-
±30mV
±10mV
±7mV
±6mV
±5mV
±4mV
±3mV
±60mV
±20mV
±15mV
±13mV
±9mV
±8mV
±6mV
Regulation Over Temperature (-40
°C to +85°C)
VO=12V
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
-
-
-
-
-
-
-
±60mV
±45mV
±30mV
±25mV
±20mV
±20mV
±15mV
±100mV
±75mV
±50mV
±45mV
±40mV
±35mV
±30mV


Similar Description - 07QB-C5T12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
07CY-60T BEL-07CY-60T Datasheet
192Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
07HB-D0T BEL-07HB-D0T Datasheet
134Kb / 5P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
VRPD-15C BEL-VRPD-15C Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com