Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT6-X007 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MCT6-X007
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT6-X007 Datasheet(HTML) 4 Page - Vishay Siliconix

  MCT6-X007 Datasheet HTML 1Page - Vishay Siliconix MCT6-X007 Datasheet HTML 2Page - Vishay Siliconix MCT6-X007 Datasheet HTML 3Page - Vishay Siliconix MCT6-X007 Datasheet HTML 4Page - Vishay Siliconix MCT6-X007 Datasheet HTML 5Page - Vishay Siliconix MCT6-X007 Datasheet HTML 6Page - Vishay Siliconix MCT6-X007 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83645
Rev. 1.4, 26-Oct-04
ILCT6/ MCT6
Vishay Semiconductors
Figure 3. Normalized Non-Saturated and Saturated CTR vs. LED
Current
Figure 4. Normalized Non-Saturated and Saturated CTR vs. LED
Current
Figure 5. Normalized Non-Saturated and Saturated CTR vs. LED
Current
iilct6_03
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
ˇ
Normalized to:
VCE =10V,IF = 10 mA, TA= 25°C
TA= 50°C
CTRce(sat) VCE = 0.4 V
iilct6_04
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
NCTR(SAT)
NCTR
Normalized to:
VCE =10V,IF =10mA
TA= 25°C
CTRce(sat) VCE = 0.4 V
TA= 70°C
iilct6_05
.1
1
10
100
1.5
1.0
0.5
0.0
IF - LED Current - mA
NCTR(SAT)
NCTR
Normalized to:
VCE =10 V, IF = 10 mA, TA = 25°C
CTRce(sat) VCE = 0.4 V
TA = 85°C
Figure 6. Collector-Emitter Current vs. Temperature and LED
Current
Figure 7. Collector-Emitter Leakage Current vs.Temp.
Figure 8. Propagation Delay vs. Collector Load Resistor
iilct6_06
60
50
30
20
10
0
0
5
10
15
20
25
30
35
50°C
70°C
85°C
IF - LED Current - mA
25°C
40
iilct6_07
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
TA - Ambient Temperature - °C
Vce=10V
Typical
iilct6_08
RL - Collector Load Resistor - kΩ
100
10
1
.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
Ta = 25°C, IF = 10 mA
Vcc=5V,Vth =1.5 V


Similar Part No. - MCT6-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT6-X007 VISHAY-MCT6-X007 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
More results

Similar Description - MCT6-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com