Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL410-X009 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL410-X009
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL410-X009 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL410-X009 Datasheet HTML 1Page - Vishay Siliconix IL410-X009 Datasheet HTML 2Page - Vishay Siliconix IL410-X009 Datasheet HTML 3Page - Vishay Siliconix IL410-X009 Datasheet HTML 4Page - Vishay Siliconix IL410-X009 Datasheet HTML 5Page - Vishay Siliconix IL410-X009 Datasheet HTML 6Page - Vishay Siliconix IL410-X009 Datasheet HTML 7Page - Vishay Siliconix IL410-X009 Datasheet HTML 8Page - Vishay Siliconix IL410-X009 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IL410/ IL4108
Document Number 83627
Rev. 1.4, 26-Apr-04
Vishay Semiconductors
www.vishay.com
5
The hold-off condition also can be eliminated by pro-
viding a higher level of LED drive current. The higher
LED drive provides a larger photocurrent which
causes the phototransistor to turn-on before the com-
mutating spike has activated the zero cross network.
Figure 2 shows the relationship of the LED drive for
power factors of less than 1.0. The curve shows that
if a device requires 1.5 mA for a resistive load, then
1.8 times (2.7 mA) that amount would be required to
control an inductive load whose power factor is less
than 0.3.
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 2. Normalized LED Trigger Current vs. Power Factor
Figure 3. Forward Voltage vs. Forward Current
iil410_02
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PF - Power Factor
Ta = 25°C
IFth Normalized to IFth @ PF = 1.0
iil410_03
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
Ta = -55°C
Ta = 25°C
Ta = 85°C
Figure 4. Peak LED Current vs. Duty Factor, Tau
Figure 5. Maximum LED Power Dissipation
iil410_04
10-6
10-5
10-4
10 -3
10-2
10-1
10 0
101
10
100
1000
10000
t -LED Pulse Duration -s
.005
.05
.02
.01
.1
.2
.5
Duty Factor
t
τ
DF = /t
τ
iil410_05
100
80
60
40
20
0
-20
-40
-60
0
50
100
150
Ta - Ambient Temperature - °C


Similar Part No. - IL410-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410-X009 VISHAY-IL410-X009 Datasheet
156Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.6, 09-Jan-08
IL410-X009T VISHAY-IL410-X009T Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
IL410-X009T VISHAY-IL410-X009T Datasheet
174Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - IL410-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.6, 09-Jan-08
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.8, 14-Feb-12
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VOT8025AB VISHAY-VOT8025AB_V01 Datasheet
193Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VOT8026AB VISHAY-VOT8026AB Datasheet
185Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com