Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5SF200 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 5SF200
Description  Quick-acting Fuse Series (Low Breaking Capacity)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5SF200 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  5SF200 Datasheet HTML 1Page - Bel Fuse Inc. 5SF200 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT IN AMPERES
NOTE - see important information under “User Guide”on P.08
Corporate Office
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K
Tel: 44-1772-556601
Fax: 44-1772-888366
5SFC1005
5SF / 5SFP - TIME CURRENT CHARACTERISTIC CURVE
Type 5SF / 5SFP
Quick-acting Fuse Series (Low Breaking Capacity)
0.01
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
5 x 20mm Glass Tube
42
RoHS Compliant


Similar Part No. - 5SF200

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5SF200-R BEL-5SF200-R Datasheet
1Mb / 4P
   Quick Acting Fuse Series
More results

Similar Description - 5SF200

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5SFP BEL-5SFP Datasheet
89Kb / 2P
   Quick-acting Fuse Series (Low Breaking Capacity)
5SF BEL-5SF_13 Datasheet
1Mb / 4P
   QUICK-ACTING FUSE SERIES(LOW BREAKING CAPACITY)
5HF BEL-5HF Datasheet
409Kb / 2P
   Quick-acting Fuse Series(High-Breaking Capacity)
5HF-13 BEL-5HF-13 Datasheet
1Mb / 4P
   QUICK-ACTING FUSE SERIES(HIGH-BREAKING CAPACITY)
5ST BEL-5ST Datasheet
1Mb / 4P
   TIME-LAG FUSE SERIES(LOW BREAKING CAPACITY)
5ST BEL-5ST Datasheet
99Kb / 2P
   Time-lag Fuse Series (Low Breaking Capacity)
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
   QUICK ACTING FUSE SERIES
2JQ BEL-2JQ Datasheet
99Kb / 2P
   Quick Acting Fuse Series
5HF BEL-5HF_16 Datasheet
1Mb / 4P
   Quick Acting Fuse Series
5SF BEL-5SF_16 Datasheet
1Mb / 4P
   Quick Acting Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com