Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27X66 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C27X66
Description  PSoC Mixed Signal Array
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27X66 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C27X66 Datasheet HTML 7Page - Cypress Semiconductor CY8C27X66 Datasheet HTML 8Page - Cypress Semiconductor CY8C27X66 Datasheet HTML 9Page - Cypress Semiconductor CY8C27X66 Datasheet HTML 10Page - Cypress Semiconductor CY8C27X66 Datasheet HTML 11Page - Cypress Semiconductor CY8C27X66 Datasheet HTML 12Page - Cypress Semiconductor CY8C27X66 Datasheet HTML 13Page - Cypress Semiconductor CY8C27X66 Datasheet HTML 14Page - Cypress Semiconductor CY8C27X66 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
June 4, 2004
Document No. 38-12011 Rev. *F
11
CY8C24x23 Final Data Sheet
1. Pin Information
1.1.4
32-Pin Part Pinout
Table 1-4. 32-Pin Part Pinout (MLF*)
Pin
No.
Type
Pin
Name
Description
CY8C24423 PSoC Device
Digital
Analog
1
IO
P2[7]
2
IO
P2[5]
3
IO
I
P2[3]
Direct switched capacitor block input.
4
IO
I
P2[1]
Direct switched capacitor block input.
5
Power
Vss
Ground connection.
6
Power
SMP
Switch Mode Pump (SMP) connection to
external components required.
7
IO
P1[7]
I2C Serial Clock (SCL)
8
IO
P1[5]
I2C Serial Data (SDA)
9
NC
No connection. Do not use.
10
IO
P1[3]
11
IO
P1[1]
Crystal Input (XTALin), I2C Serial Clock (SCL)
12
Power
Vss
Ground connection.
13
IO
P1[0]
Crystal Output (XTALout), I2C Serial Data
(SDA)
14
IO
P1[2]
15
IO
P1[4]
Optional External Clock Input (EXTCLK)
16
NC
No connection. Do not use.
17
IO
P1[6]
18
Input
XRES
Active high external reset with internal pull
down.
19
IO
I
P2[0]
Direct switched capacitor block input.
20
IO
I
P2[2]
Direct switched capacitor block input.
21
IO
P2[4]
External Analog Ground (AGND)
22
IO
P2[6]
External Voltage Reference (VRef)
23
IO
I
P0[0]
Analog column mux input.
24
IO
I
P0[2]
Analog column mux input.
25
NC
No connection. Do not use.
26
IO
I
P0[4]
Analog column mux input.
27
IO
I
P0[6]
Analog column mux input.
28
Power
Vdd
Supply voltage.
29
IO
I
P0[7]
Analog column mux input.
30
IO
IO
P0[5]
Analog column mux input and column output.
31
IO
IO
P0[3]
Analog column mux input and column output.
32
IO
I
P0[1]
Analog column mux input.
LEGEND: A = Analog, I = Input, and O = Output.
* The MLF package has a center pad that must be connected to the same ground
as the Vss pin.
P2[7]
P2[5]
AI, P2[3]
AI, P2[1]
Vss
SMP
MLF
(Top View)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
I2C SCL, P1[7]
I2C SDA, P1[5]
P0[2], AI
P0[0], AI
XRES
P1[6]
P2[6], External VRef
P2[4], External AGND
P2[2], AI
P2[0], AI


Similar Part No. - CY8C27X66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27X43 CYPRESS-CY8C27X43 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C27X43 CYPRESS-CY8C27X43 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C27x43 CYPRESS-CY8C27x43 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C27x43 CYPRESS-CY8C27x43 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C27X43 CYPRESS-CY8C27X43 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C27X66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C21534 CYPRESS-CY8C21534 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C27466 CYPRESS-CY8C27466 Datasheet
799Kb / 39P
   PSoC??Mixed Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com