Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

07CM-38S10L Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # 07CM-38S10L
Description  Bus Converter 48V Input / 9.3V Output / 36.5A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07CM-38S10L Datasheet(HTML) 5 Page - Bel Fuse Inc.

  07CM-38S10L Datasheet HTML 1Page - Bel Fuse Inc. 07CM-38S10L Datasheet HTML 2Page - Bel Fuse Inc. 07CM-38S10L Datasheet HTML 3Page - Bel Fuse Inc. 07CM-38S10L Datasheet HTML 4Page - Bel Fuse Inc. 07CM-38S10L Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
Bus Converter
48V Input / 9.3V Output / 36.5A
55.0
40.0
25.0
*>100.0˚C
*<40.0˚C
Air Flow
Top Side of Unit
w/ 0.5” heatsink
Vin:
39VDC
Iout:
33.2A
Pout:
240W
Tamb: 22C
Airflow: 200LFM


Similar Part No. - 07CM-38S10L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07CM-38S10L BEL-07CM-38S10L Datasheet
131Kb / 5P
   ISOLATED DC/DC CONVERTERS
07CM-38S10L BEL-07CM-38S10L Datasheet
130Kb / 5P
   48 VDC Input 9.3VDC/36.5 A Output, 1/4 Brick
07CM-38S10L BEL-07CM-38S10L_10 Datasheet
130Kb / 5P
   48 VDC Input 9.3VDC/36.5 A Output, 1/4 Brick
More results

Similar Description - 07CM-38S10L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07CR BEL-07CR Datasheet
134Kb / 2P
   Bus Converter 48V Input / 140W Output
07CM-27S12L BEL-07CM-27S12L Datasheet
122Kb / 2P
   Bus Converter 48V Input / 12V Output / 27A
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
   Bus Converter 48V Input / 12V Output / 20A
07CM-36S10L BEL-07CM-36S10L Datasheet
133Kb / 3P
   Bus Converter 48V Input / 9.4V Output / 36A
07CN-70S10L BEL-07CN-70S10L Datasheet
177Kb / 2P
   Bus Converter 48V Input / 9.4V Output / 70A
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com