Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4094D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4094D
Description  8-stage shift-and-store bus register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4094D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4094D Datasheet HTML 1Page - NXP Semiconductors 74HC4094D Datasheet HTML 2Page - NXP Semiconductors 74HC4094D Datasheet HTML 3Page - NXP Semiconductors 74HC4094D Datasheet HTML 4Page - NXP Semiconductors 74HC4094D Datasheet HTML 5Page - NXP Semiconductors 74HC4094D Datasheet HTML 6Page - NXP Semiconductors 74HC4094D Datasheet HTML 7Page - NXP Semiconductors 74HC4094D Datasheet HTML 8Page - NXP Semiconductors 74HC4094D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
December 1990
3
Philips Semiconductors
Product specification
8-stage shift-and-store bus register
74HC/HCT4094
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
STR
strobe input
2
D
serial input
3
CP
clock input
4, 5, 6, 7,14, 13, 12, 11
QP0 to QP7
parallel outputs
8
GND
ground (0 V)
9, 10
QS1,QS2
serial outputs
15
OE
output enable input
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC4094D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74HC4094D NEXPERIA-74HC4094D Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
74HC4094D-Q100 NEXPERIA-74HC4094D-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
74HC4094D-Q100 NEXPERIA-74HC4094D-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HC4094DB NXP-74HC4094DB Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
More results

Similar Description - 74HC4094D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com