Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5MFP1 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 5MFP1
Description  Fast Blow Fuse Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5MFP1 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  5MFP1 Datasheet HTML 1Page - Bel Fuse Inc. 5MFP1 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CURRENT IN AMPERES
NOTE - see important information under “User Guide”on P.08
Corporate Office
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K
Tel: 44-1772-556601
Fax: 44-1772-888366
5MFC1005
E5MFC1005A1
5MF / 5MFP - TIME CURRENT CHARACTERISTIC CURVE
Type 5MF / 5MFP
Fast Blow Fuse Series
5 x 20mm Glass Tube
54
RoHS Compliant
0.01
0.1
0.01
0.1
1
10
100
1000
1
10
100
1000
10000


Similar Part No. - 5MFP1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5MFP1-R BEL-5MFP1-R Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
5MFP1.25-R BEL-5MFP1.25-R Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
5MFP100-R BEL-5MFP100-R Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
5MFP125-R BEL-5MFP125-R Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
More results

Similar Description - 5MFP1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3AB BEL-3AB Datasheet
96Kb / 2P
   Fast Blow Fuse Series
5MF BEL-5MF_16 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
3AB BEL-3AB_13 Datasheet
1Mb / 4P
   Fast Blow Fuse Series
3AG BEL-3AG_13 Datasheet
1Mb / 4P
   Fast Blow Fuse Series
3AB BEL-3AB_17 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
3AG BEL-3AG Datasheet
402Kb / 2P
   Fast Blow Fuse Series
5MF BEL-5MF_13 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
8AG BEL-8AG Datasheet
84Kb / 2P
   Fast Blow Fuse Series
3AG BEL-3AG_17 Datasheet
1Mb / 4P
   FAST BLOW FUSE SERIES
0603-0100-33 BEL-0603-0100-33 Datasheet
87Kb / 2P
   Fast Blow Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com