Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4066N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC4066N
Description  Quad bilateral switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC4066N Datasheet HTML 4Page - NXP Semiconductors 74HC4066N Datasheet HTML 5Page - NXP Semiconductors 74HC4066N Datasheet HTML 6Page - NXP Semiconductors 74HC4066N Datasheet HTML 7Page - NXP Semiconductors 74HC4066N Datasheet HTML 8Page - NXP Semiconductors 74HC4066N Datasheet HTML 9Page - NXP Semiconductors 74HC4066N Datasheet HTML 10Page - NXP Semiconductors 74HC4066N Datasheet HTML 11Page - NXP Semiconductors 74HC4066N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1998 Nov 10
8
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4066
Fig.9 Typical ON-resistance (RON) as a function of input voltage (Vis) for Vis = 0 to VCC.
handbook, halfpage
09
60
10
20
MGR262
30
40
50
1.8
3.6
5.4
7.2
Vis (V)
RON
(
Ω)
6 V
9 V
VCC = 4.5 V


Similar Part No. - 74HC4066N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4066N PHILIPS-74HC4066N Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
74HC4066N NXP-74HC4066N Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HC4066N NXP-74HC4066N Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
More results

Similar Description - 74HC4066N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com