Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4059N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT4059N
Description  Programmable divide-by-n counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4059N Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT4059N Datasheet HTML 1Page - NXP Semiconductors 74HCT4059N Datasheet HTML 2Page - NXP Semiconductors 74HCT4059N Datasheet HTML 3Page - NXP Semiconductors 74HCT4059N Datasheet HTML 4Page - NXP Semiconductors 74HCT4059N Datasheet HTML 5Page - NXP Semiconductors 74HCT4059N Datasheet HTML 6Page - NXP Semiconductors 74HCT4059N Datasheet HTML 7Page - NXP Semiconductors 74HCT4059N Datasheet HTML 8Page - NXP Semiconductors 74HCT4059N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1998 Jul 08
5
Philips Semiconductors
Product specification
Programmable divide-by-n counter
74HC/HCT4059
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
CP
clock input (LOW-to-HIGH, edge-triggered)
2
LE
latch enable (active HIGH)
3, 4, 5, 6, 22, 21, 20, 19, 18, 17, 16, 15, 10, 9, 8, 7
J1 to J16
programmable JAM inputs (BCD)
12
GND
ground (0 V)
14, 13, 11
Ka to Kc
mode select inputs
23
Q
divide-by-n output
24
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HCT4059N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4051 PHILIPS-74HCT4051 Datasheet
126Kb / 16P
   8-channel analog multiplexer/demultiplexer
December 1990
logo
Texas Instruments
74HCT4051 TI-74HCT4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
logo
NXP Semiconductors
74HCT4051 NXP-74HCT4051 Datasheet
220Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 6-13 December 2011
74HCT4051 PHILIPS-74HCT4051 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
74HCT4051 NEXPERIA-74HCT4051 Datasheet
399Kb / 28P
   8-channel analog multiplexer/demultiplexer
Rev. 11 - 5 December 2022
More results

Similar Description - 74HCT4059N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HEF4059BT-652 ETC2-HEF4059BT-652 Datasheet
61Kb / 6P
   Programmable divide-by-n counter
logo
NXP Semiconductors
HEF4059B PHILIPS-HEF4059B Datasheet
58Kb / 6P
   Programmable divide-by-n counter
January 1995
logo
Texas Instruments
CD4059AE TI1-CD4059AE Datasheet
533Kb / 14P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A_15 Datasheet
520Kb / 13P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A Datasheet
588Kb / 16P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4059A TI-CD4059A Datasheet
394Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
Texas Instruments
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
logo
STMicroelectronics
HCC4018B STMICROELECTRONICS-HCC4018B Datasheet
273Kb / 12P
   PRESETTABLE DIVIDE-BY-N COUNTER
logo
R & E International, In...
SCL4018B RANDE-SCL4018B Datasheet
259Kb / 1P
   PRESTTABLE DIVIDE-BY-N COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com