Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4060D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC4060D
Description  14-stage binary ripple counter with oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4060D Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC4060D Datasheet HTML 1Page - NXP Semiconductors 74HC4060D Datasheet HTML 2Page - NXP Semiconductors 74HC4060D Datasheet HTML 3Page - NXP Semiconductors 74HC4060D Datasheet HTML 4Page - NXP Semiconductors 74HC4060D Datasheet HTML 5Page - NXP Semiconductors 74HC4060D Datasheet HTML 6Page - NXP Semiconductors 74HC4060D Datasheet HTML 7Page - NXP Semiconductors 74HC4060D Datasheet HTML 8Page - NXP Semiconductors 74HC4060D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
December 1990
4
Philips Semiconductors
Product specification
14-stage binary ripple counter with oscillator
74HC/HCT4060
DYNAMIC POWER DISSIPATION FOR 74HC
Note
1. GND = 0 V; Tamb =25 °C
DYNAMIC POWER DISSIPATION FOR 74HCT
Notes
1. GND = 0 V; Tamb =25 °C
2. Where: fo
= output frequency in MHz
fosc = oscillator frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
Ct
= timing capacitance in pF
VCC = supply voltage in V
APPLICATIONS
• Control counters
• Timers
• Frequency dividers
• Time-delay circuits
PARAMETER
VCC (V) TYPICAL FORMULA FOR PD (µW) (note 1)
total dynamic power
dissipation when using the
on-chip oscillator (PD)
2.0
4.5
6.0
CPD × fosc × VCC2 +∑ (CL × VCC2 × fo) + 2Ct × VCC2 × fosc +
60
× VCC
CPD × fosc × VCC2 +∑ (CL × VCC2 × fo) + 2Ct × VCC2 × fosc + 1 750 × VCC
CPD × fosc × VCC2 +∑ (CL × VCC2 × fo) + 2Ct × VCC2 × fosc + 3 800 × VCC
PARAMETER
VCC (V)
TYPICAL FORMULA FOR PD (µW) (note 1)
total dynamic power
dissipation when using the
on-chip oscillator (PD)
4.5
CPD × fosc × VCC2 +∑ (CL × VCC2 × fo) + 2Ct × VCC2 × fosc + 1 750 × VCC
Fig.4 Functional diagram.


Similar Part No. - 74HC4060D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060D NXP-74HC4060D Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HC4060D NEXPERIA-74HC4060D Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
logo
NXP Semiconductors
74HC4060D-Q100 NXP-74HC4060D-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HC4060D-Q100 NEXPERIA-74HC4060D-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
NXP Semiconductors
74HC4060DB NXP-74HC4060DB Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
More results

Similar Description - 74HC4060D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com