Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RQB-C0U05L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RQB-C0U05L
Description  ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQB-C0U05L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RQB-C0U05L Datasheet HTML 1Page - Bel Fuse Inc. 0RQB-C0U05L Datasheet HTML 2Page - Bel Fuse Inc. 0RQB-C0U05L Datasheet HTML 3Page - Bel Fuse Inc. 0RQB-C0U05L Datasheet HTML 4Page - Bel Fuse Inc. 0RQB-C0U05L Datasheet HTML 5Page - Bel Fuse Inc. 0RQB-C0U05L Datasheet HTML 6Page - Bel Fuse Inc. 0RQB-C0U05L Datasheet HTML 7Page - Bel Fuse Inc. 0RQB-C0U05L Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
Isolated
Output Over Voltage Shutdown
High Efficiency
OCP/SCP
High Power Density
Over Temperature Protection
Low Cost
Remote On/Off
Input Under Voltage Lockout
Output Voltage Trim
Fixed Frequency (285 kHz)
Active Low/High (Option)
Input Over Voltage Lockout
Positive/Negative Remote Sense
Basic Isolation
Description
The 0RQB-C0U Series are isolated dc/dc converters that operate from a nominal 48 V source. These units will
provide up to 100 W of output power from a nominal 48 V input. These units are designed to be highly efficient
and low cost. Typical efficiency of 12 V output at 48 V input at full load is 91%. Features include remote on/off,
over current protection and under-voltage lockout. These converters are provided in an industry standard
quarter brick package.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
12 V
18 V - 75 V
8.3 A
100 W
91%
0RQB-C0U120
0RQB-C0U12L
5.0 V
18 V - 75 V
20 A
100 W
90%
0RQB-C0U050
0RQB-C0U05L
3.3 V
18 V - 75 V
25 A
82.5 W
90%
0RQB-C0U033
0RQB-C0U03L
2.5 V
18 V - 75 V
30 A
75 W
89.5%
0RQB-C0U025
0RQB-C0U02L
1.8 V
18 V - 75 V
30 A
54 W
85%
0RQB-C0UV80
0RQB-C0UV8L
1.5 V
18 V - 75 V
30 A
45 W
83%
0RQB-C0UV50
0RQB-C0UV5L
1.2 V
18 V - 75 V
30 A
36 W
80%
0RQB-C0UV20
0RQB-C0UV2L
Note:
Add “G” suffix at the end of the model number to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
80 V
Remote On/Off
-0.3 V
-
18 V
I/O Isolation Voltage
-
-
2000 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Note:
All specifications are typical at nominal input, full load at 25
°C unless noted.
0RQB-C0U Series
RoHS Compliant


Similar Part No. - 0RQB-C0U05L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C0U05L BEL-0RQB-C0U05L Datasheet
320Kb / 10P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQB-C0U05L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5T BEL-0RQB-C5T Datasheet
466Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
0RHB-D0T BEL-0RHB-D0T Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RHB-C5T BEL-0RHB-C5T Datasheet
255Kb / 6P
   ISOLATED DC/DC CONVERTERS 48 V Input 3.3 V/50 A, 5.0 V/30 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com