Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RHB-D0T033 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # 0RHB-D0T033
Description  ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RHB-D0T033 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button 0RHB-D0T033 Datasheet HTML 4Page - Bel Fuse Inc. 0RHB-D0T033 Datasheet HTML 5Page - Bel Fuse Inc. 0RHB-D0T033 Datasheet HTML 6Page - Bel Fuse Inc. 0RHB-D0T033 Datasheet HTML 7Page - Bel Fuse Inc. 0RHB-D0T033 Datasheet HTML 8Page - Bel Fuse Inc. 0RHB-D0T033 Datasheet HTML 9Page - Bel Fuse Inc. 0RHB-D0T033 Datasheet HTML 10Page - Bel Fuse Inc. 0RHB-D0T033 Datasheet HTML 11Page - Bel Fuse Inc. 0RHB-D0T033 Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 V Input
1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
Transient Response Waveforms (continued)
Vout=2.5 V, 50% to 75% Load Transients
Vout=2.5 V, 75% to 50% Load Transients
Vout=1.8 V, 50% to 75% Load Transients
Vout=1.8 V, 75% to 50% Load Transients
Vout=1.5 V, 50% to 75% Load Transients
Vout=1.5 V, 75% to 50% Load Transients


Similar Part No. - 0RHB-D0T033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RHB-D0T033 BEL-0RHB-D0T033 Datasheet
423Kb / 12P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RHB-D0T033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C5T BEL-0RQB-C5T Datasheet
466Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/12 A, 3.3 V/46 A, 5 V/30 A, 1.2 V - 2.5 V/50 A
0RQB-C0U BEL-0RQB-C0U Datasheet
227Kb / 8P
   ISOLATED DC/DC CONVERTERS 48 V Input 12 V/8.3 A, 5 V/20 A, 3.3 V/25 A, 1.2-2.5 V/30 A Outputs
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RHB-C5T BEL-0RHB-C5T Datasheet
255Kb / 6P
   ISOLATED DC/DC CONVERTERS 48 V Input 3.3 V/50 A, 5.0 V/30 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com