Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4067 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT4067
Description  16-channel analog multiplexer/demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4067 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT4067 Datasheet HTML 5Page - NXP Semiconductors 74HCT4067 Datasheet HTML 6Page - NXP Semiconductors 74HCT4067 Datasheet HTML 7Page - NXP Semiconductors 74HCT4067 Datasheet HTML 8Page - NXP Semiconductors 74HCT4067 Datasheet HTML 9Page - NXP Semiconductors 74HCT4067 Datasheet HTML 10Page - NXP Semiconductors 74HCT4067 Datasheet HTML 11Page - NXP Semiconductors 74HCT4067 Datasheet HTML 12Page - NXP Semiconductors 74HCT4067 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
September 1993
9
Philips Semiconductors
Product specification
16-channel analog
multiplexer/demultiplexer
74HC/HCT4067
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
OTHER
+25
−40 to +85 −40 to +125
min.
typ. max. min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Vis to Vos;
Yn to Z
25
9
7
5
75
15
13
9
95
19
16
11
110
22
19
14
ns
2.0
4.5
6.0
9.0
RL = ∞;
CL = 50 pF
(see Fig.16)
tPHL/ tPLH
propagation delay
Vis to Vos;
Z to Yn
18
6
5
4
60
12
10
8
75
15
13
10
90
18
15
12
ns
2.0
4.5
6.0
9.0
tPHZ/ tPLZ
turn-off time
E to Yn
74
27
22
20
250
50
43
38
315
63
54
48
375
75
64
57
ns
2.0
4.5
6.0
9.0
RL =1kΩ;
CL = 50 pF
(see Fig.17)
tPHZ/ tPLZ
turn-off time
Sn to Yn
83
30
24
21
250
50
43
38
315
63
54
48
375
75
64
57
ns
2.0
4.5
6.0
9.0
tPHZ/ tPLZ
turn-off time
EtoZ
85
31
25
24
275
55
47
42
345
69
59
53
415
83
71
63
ns
2.0
4.5
6.0
9.0
tPHZ/ tPLZ
turn-off time
Sn to Z
94
34
27
25
290
58
47
45
365
73
62
56
435
87
74
68
ns
2.0
4.5
6.0
9.0
tPZH/ tPZL
turn-on time
E to Yn
80
29
23
17
275
55
47
42
345
69
59
53
415
83
71
63
ns
2.0
4.5
6.0
9.0
tPZH/ tPZL
turn-on time
Sn to Yn
88
32
26
18
300
60
51
45
375
75
64
56
450
90
77
68
ns
2.0
4.5
6.0
9.0
tPZH/ tPZL
turn-on time
E to Z
85
31
25
18
275
55
47
42
345
69
59
53
415
83
71
63
ns
2.0
4.5
6.0
9.0
tPZH/ tPZL
turn-on time
Sn to Z
94
34
27
19
300
60
51
45
375
75
64
56
450
90
77
68
ns
2.0
4.5
6.0
9.0


Similar Part No. - 74HCT4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4067 NXP-74HCT4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
74HCT4067 NXP-74HCT4067 Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
logo
Nexperia B.V. All right...
74HCT4067 NEXPERIA-74HCT4067 Datasheet
369Kb / 26P
   16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067BQ NXP-74HCT4067BQ Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
More results

Similar Description - 74HCT4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com